Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 61 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 57Page - Zilog, Inc. SL1919 Datasheet HTML 58Page - Zilog, Inc. SL1919 Datasheet HTML 59Page - Zilog, Inc. SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. SL1919 Datasheet HTML 64Page - Zilog, Inc. SL1919 Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-61
1
REFRESH CONTROL REGISTER
Mnemonic RCR
Address 36
The RCR specifies the interval and length of refresh cy-
cles, while enabling or disabling the refresh function.
REFE: Refresh Enable (bit 7). REFE = disables the re-
fresh controller while REFE = 1 enables refresh cycle in-
sertion. REFE is set to 1 during RESET.
REFW: Refresh Wait (bit 6). REFW = 0 causes the re-
fresh cycle to be two clocks in duration. REFW = 1 causes
the refresh cycle to be three clocks in duration by adding a
refresh wait cycle (TRW). REFW is set to 1 during RESET.
CYC1, 0: Cycle Interval (bit 1,0). CYC1 and CYC0 spec-
ify the interval (in clock cycles) between refresh cycles. In
the case of dynamic RAMs requiring 128 refresh cycles ev-
ery 2 ms (0r 256 cycles in every 4 ms), the required refresh
interval is less than or equal to 15.625
µs. Thus, the under-
lined values indicate the best refresh interval depending
on CPU clock frequency. CYC0 and CYC1 are cleared to
0 during RESET (see Table 14).
Figure 77. TRAP Timing-3rd Opcode Undefined
T1 T2 T3 T1 T2 TTP T3 Ti
Ti
T1 T2 T3
T2 T3 T1
T1
T2
A0-A18 (A19)
φ
D0-D7
PC
0000H
SP-1
Undefined
MREQ
M1
RD
WR
T3
SP-2
Opcode
PC-1H
PC-1L
3nd Opcode
Fetch Cycle
PC Stacking
Opcode
Fetch Cycle
Restart
Memory
IX + d, IY + d
Ti
Ti
Read Cycle
from 0000H
Figure 78. Refresh Control Register
(RCA: I/O Address = 36H)
Reserved
--
--
--
--
--
--
--
7
6
54
32
1
Cyc1
Cyc0
REFW
REFE
-
--
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com