Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 19Page - Zilog, Inc. SL1919 Datasheet HTML 20Page - Zilog, Inc. SL1919 Datasheet HTML 21Page - Zilog, Inc. SL1919 Datasheet HTML 22Page - Zilog, Inc. SL1919 Datasheet HTML 23Page - Zilog, Inc. SL1919 Datasheet HTML 24Page - Zilog, Inc. SL1919 Datasheet HTML 25Page - Zilog, Inc. SL1919 Datasheet HTML 26Page - Zilog, Inc. SL1919 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-23
1
STANDARD TEST CONDITIONS
The DC Characteristics and Capacitance sections above
apply to the following standard test conditions, unless oth-
erwise noted. All voltages are referenced to GND (0V).
Positive current flows in to the referenced pin.
All AC parameters assume a load capacitance of 100 pF.
Add 10 ns delay for each 50 pF increase in load up to a
maximum of 200 pF for the data bus and 100 pF for the ad-
dress and control lines. AC timing measurements are ref-
erenced to 1.5 volts (except for CLOCK, which is refer-
enced to the 10% and 90% points). The Ordering
Information section lists temperature ranges and product
numbers. Package drawings are in the Package Informa-
tion section. Refer to the Literature List for additional doc-
umentation.
ABSOLUTE MAXIMUM RATINGS
Note: Permanent LSI damage may occur if maximum
ratings are exceeded. Normal operation should be under
recommended operating conditions. If these conditions
are exceeded, it could affect reliability of LSI.
Figure 19. AC Load Capacitance Parameters
+5 V
From Output
100 pF
Under Test
250
µA
2.1k
Item
Symbol
Value
Unit
Supply Voltage
Vcc
-0.3 ~ +7.0
V
Input Voltage
Vin
-0.3 ~ Vcc +0.3
V
Operating Temperature
Topr
0 ~ 70
°C
Extended Temperature
Text
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com