Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 59 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 59 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 55Page - Zilog, Inc. SL1919 Datasheet HTML 56Page - Zilog, Inc. SL1919 Datasheet HTML 57Page - Zilog, Inc. SL1919 Datasheet HTML 58Page - Zilog, Inc. SL1919 Datasheet HTML 59Page - Zilog, Inc. SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-59
1
With one-wait-state I/O cycles (the fastest possible except
for the ASCIs), it is unlikely that an output device will be
able to update its Request in time, and edge sense is re-
quired.
DIM1, DIM0: DMA Channel 1 I/O and Memory Mode
(bits 1-0). Specifies the source/destination and address
modifier for channel 1 memory to/from I/O transfer modes.
DIM1 and DIM0 are cleared to 0 during RESET.
INTERRUPT VECTOR LOW REGISTER
Mnemonic: IL
Address 33
Bits 7-5 of IL are used as bits 7-5 of the synthesized inter-
rupt vector during interrupts for the INT1 and INT2 pins
and for the DMAs, ASCIs, PRTs, and CSI/O. These three
bits are cleared to 0 during Reset (Figure 75).
INT/TRAP CONTROL REGISTER
Mnemonics ITC
Address 34
INT/TRAP Control Register (ITC, I/O Address 34H).
This register is used in handling TRAP interrupts and to
enable or disable Maskable Interrupt Level 0 and the INT1
and INT2 pins.
TRAP (bit 7). This bit is set to 1 when an undefined Op-
code is fetched. TRAP can be reset under program control
by writing it with a 0, however, it cannot be written with 1
under program control. TRAP is reset to 0 during RESET.
UFO: Undefined Fetch Object (bit 6). When a TRAP in-
terrupt occurs, the contents of UFO allow determination of
the starting address of the undefined instruction. This is
necessary since the TRAP may occur on either the second
or third byte of the Opcode. UFO allows the stacked PC
value to be correctly adjusted. If UFO = 0, the first Opcode
should be interpreted as the stacked PC-1. If UFO = 1, the
first Opcode address is stacked PC-2. UFO is Read-Only.
ITE2, 1, 0: Interrupt Enable 2, 1, 0 (bits 2-0). ITE2 and
ITE1 enable and disable the external interrupt inputs /INT2
and /INT1, respectively. ITE0 enables and disables inter-
rupts from the on-chip ESCC, CTCs and Bidirectional Cen-
tronics controller as well as the external interrupt input
/INT0. A 1 in a bit enables the corresponding interrupt level
while a 0 disables it. A Reset sets ITE0 to 1 and clears
ITE1 and ITE2 to 0.
TRAP Interrupt. The Z80180/Z8S180/Z8L180 generates
a non-maskable (not affected by the state of IEF1) TRAP
interrupt when an undefined Opcode fetch occurs. This
feature can be used to increase software reliability, imple-
ment an “extended” instruction set, or both. TRAP may oc-
cur during Opcode fetch cycles and also if an undefined
Table 13. Channel 1 Transfer Mode
Address
DIM1 DMI0 Transfer Mode
Increment/Decrement
0
0
Memory
→I/O
MAR1 +1, IAR1 fixed
0
1
Memory
→I/O
MAR1–1, IAR1 fixed
1
0
I/O
→Memory
IAR1 fixed, MAR1 + 1
1
1
I/O
→Memory
IAR1 fixed, MAR1 –1
Figure 75. Interrupt Vector Low Register (IL: I/O Address = 33H)
Bit
IL 7
IL 6
Interrupt Source Dependent Code
IL 5
76
5
4
3
2
1
0
––
––
R/W
R/W
––
––
––
R/W
Programmable
Bit
TRAP UFO
R/W R/W R/W
––
76
5
4
3
2
1
0
––
––
ITE2 ITE1 ITE0
R/W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com