Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 53 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 49Page - Zilog, Inc. SL1919 Datasheet HTML 50Page - Zilog, Inc. SL1919 Datasheet HTML 51Page - Zilog, Inc. SL1919 Datasheet HTML 52Page - Zilog, Inc. SL1919 Datasheet HTML 53Page - Zilog, Inc. SL1919 Datasheet HTML 54Page - Zilog, Inc. SL1919 Datasheet HTML 55Page - Zilog, Inc. SL1919 Datasheet HTML 56Page - Zilog, Inc. SL1919 Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-53
1
DMA MEMORY ADDRESS REGISTER CHANNEL 1
(MAR1: I/O Address = 28H to 2AH) specifies the physical memory address for channel 1 transfers. This may be destina-
tion or source memory address. The register contains 20 bits and may specify up to 1024 KB memory address.
DMA Memory Address Register, Channel 1L
Mnemonic MAR1L
Address 28
DMA Memory Address Register, Channel 1H.
Mnemonic MAR1H
Address 29
DMA Memory Address Register, Channel 1B
Mnemonic MAR1B
Address 2A
Figure 65. DMA Memory Address Register,
Channel 1L
Figure 66. DMA Memory Address Register,
Channel 1H
Figure 67. DMA Memory Address Register,
Channel 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com