Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 62 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 58Page - Zilog, Inc. SL1919 Datasheet HTML 59Page - Zilog, Inc. SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. SL1919 Datasheet HTML 64Page - Zilog, Inc. SL1919 Datasheet HTML 65Page - Zilog, Inc. SL1919 Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-62
P R E L I M I N A R Y
DS971800401
Refresh Control and Reset. After RESET, based on the
initialized value of RCR, refresh cycles will occur with an
interval of 10 clock cycles and be 3 clock cycles in dura-
tion.
Dynamic RAM Refresh Operation
1.
Refresh Cycle insertion is stopped when the CPU is in
the following states:
a.
During RESET
b.
When the bus is released in response to
BUSREQ.
c.
During SLEEP mode.
d.
During WAIT states.
2.
Refresh cycles are suppressed when the bus is
released in response to BUSREQ. However, the
refresh timer continues to operate. Thus, the time at
which the first refresh cycle occurs after the
Z80180/Z8S180/Z8L180 re-acquires the bus depends
on the refresh timer and has no timing relationship with
the bus exchange.
3.
Refresh cycles are suppressed during SLEEP mode.
If a refresh cycle is requested during SLEEP mode,
the refresh cycle request is internally “latched” (until
replaced with the next refresh request). The “latched”
refresh cycle is inserted at the end of the first machine
cycle after SLEEP mode is exited. After this initial
cycle, the time at which the next refresh cycle occurs
depends on the refresh time and has no relationship
with the exit from SLEEP mode.
4.
The refresh address is incremented by one for each
successful refresh cycle, not for each refresh. Thus,
independent of the number of “missed” refresh
requests, each refresh bus cycle will use a refresh
address incremented by one from that of the previous
refresh bus cycles.
MMU COMMON BASE REGISTER
Mnemonic CBR
Address 38
MMU Common Base Register (CBR). CBR specifies the
base address (on 4 KB boundaries) used to generate a 20-
bit physical address for Common Area 1 accesses. All bits
of CBR are reset to 0 during RESET.
Table 14. DRAM Refresh Intervals
Insertion
Time Interval
CYC1
CYC0
Interval
Ø: 10 MHz
8 MHz
6 MHz
4 MHz
2.5 MHz
0
0
10 states
(1.0
µs)*
(1.25
µs)*
1.66
µs
2.5
µs
4.0
µs
0
1
20 states
(2.0
µs)*
(2.5
µs)*
3.3
µs
5.0
µs
8.0
µs
1
0
40 states
(4.0
µs)*
(5.0
µs)*
6.6
µs
10.0
µs
16.0
µs
1
1
80 states
(8.0
µs)*
(10.0
µs)*
13.3
µs
20.0
µs
32.0
µs
Note: *calculated interval
Figure 79. MMU Common Base Register (BBR: I/O Address = 38H)
Bit
CB7
CB6
R/W
CB5
76
5
4
3
21
0
CB4
CB2
CB1
CB0
R/W
CB3
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com