Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 60 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 56Page - Zilog, Inc. SL1919 Datasheet HTML 57Page - Zilog, Inc. SL1919 Datasheet HTML 58Page - Zilog, Inc. SL1919 Datasheet HTML 59Page - Zilog, Inc. SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. SL1919 Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-60
P R E L I M I N A R Y
DS971800401
Opcode is fetched during the interrupt acknowledge cycle
for INT0 when Mode 0 is used.
When
a
TRAP
interrupt
occurs,
the
Z80180/Z8S180/Z8L180 operates as follows:
1.
The TRAP bit in the Interrupt TRAP/Control (ITC)
register is set to 1.
2.
The current PC (Program Counter) value, reflecting
the location of the undefined Opcode, is saved on the
stack.
3.
The
Z80180/Z8S180/Z8L180
vectors
to
logical
address 0. Note that if logical address 0000H is
mapped to physical address 00000H, the vector is the
same as for RESET. In this case, testing the TRAP bit
in ITC will reveal whether the restart at physical
address 00000H was caused by RESET or TRAP.
All TRAP interrupts occur after fetching an undefined sec-
ond Opcode byte following one of the “prefix” Opcodes
CBH, DDH, EDH, or FDH, or after fetching an undefined
third Opcode byte following one of the “double prefix” Op-
codes DDCBH or FDCBH.
The state of the Undefined Fetch Object (UFO) bit in ITC
allows TRAP software to correctly “adjust” the stacked PC,
depending on whether the second or third byte of the Op-
code generated the TRAP. If UFO=0, the starting address
of the invalid instruction is equal to the stacked PC-1. If
UFO=1, the starting address of the invalid instruction is
equal to the stacked PC-2.
Figure 76. TRAP Timing-2nd Opcode Undefined
T1 T2
T3
TTP Ti
Ti
Ti
Ti
Ti
T1 T2
T3
T2
T3
T1
T1
T2
A0-A18 (A19)
φ
D0-D7
PC
0000H
SP-1
Undefined
MREQ
M1
RD
WR
T3
SP-2
Opcode
PCH
PCL
2nd Opcode
Fetch Cycle
PC Stacking
Opcode
Fetch Cycle
Restart
from 0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com