Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 44 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 40Page - Zilog, Inc. SL1919 Datasheet HTML 41Page - Zilog, Inc. SL1919 Datasheet HTML 42Page - Zilog, Inc. SL1919 Datasheet HTML 43Page - Zilog, Inc. SL1919 Datasheet HTML 44Page - Zilog, Inc. SL1919 Datasheet HTML 45Page - Zilog, Inc. SL1919 Datasheet HTML 46Page - Zilog, Inc. SL1919 Datasheet HTML 47Page - Zilog, Inc. SL1919 Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-44
P R E L I M I N A R Y
DS971800401
Transmit Enable (bit 4). A CSI/O transmit operation is
started by setting TE to 1. When TE is set to 1, the data
clock is enabled. When in internal clock mode, the data
clock is output from the CKS pin. In external clock mode,
the clock is input on the CKS pin. In either case, data is
shifted out on the TXS pin synchronous with the (internal
or external) data clock. After transmitting 8 bits of data, the
CSI/O automatically clears TE to 0, EF is set to 1, and an
interrupt (if enabled by EIE = 1) is generated. TE and RE
are never both set to 1 at the same time. TE is cleared to
0 during RESET and IOSTOP mode.
SS2, 1, 0: Speed Select 2, 1, 0 (bits 2-0). SS2, SS1 and
SS0 select the CSI/O transmit/receive clock source and
speed. SS2, SS1 and SS0 are all set to 1 during RESET.
Table 10 shows CSI/O Baud Rate Selection.
After RESET, the CKS pin is configured as an external
clock input (SS2, SS1, SS0 = 1). Changing these values
causes CKS to become an output pin and the selected
clock is output when transmit or receive operations are en-
abled.
CSI/O Transmit/Receive Data Register
(TRDR: I/O Address = 0BH).
Timer Data Register Channel 0L
TMDR0L
0CH
Timer Data Register Channel 0H
TMDR0H
0D H
Table 7. CSI/O Baud Rate Selection
SS2
SS1
SS0
Divide Ratio
000
÷20
001
÷40
010
÷80
011
÷160
100
÷320
101
÷640
110
÷1280
1
1
1
External Clock Input
(less than
÷20.)
Figure 41. CSI/O Transmit/Receive Data Register 1R
CSI/O T/R Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0
Figure 42. Timer Register Channel OL
Figure 43. Timer Data Register Channel OH
ASCI Receive Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0
Timer Data
--
--
--
--
--
--
--
--
76
5
4
3
2
1
--
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com