Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 52 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 48Page - Zilog, Inc. SL1919 Datasheet HTML 49Page - Zilog, Inc. SL1919 Datasheet HTML 50Page - Zilog, Inc. SL1919 Datasheet HTML 51Page - Zilog, Inc. SL1919 Datasheet HTML 52Page - Zilog, Inc. SL1919 Datasheet HTML 53Page - Zilog, Inc. SL1919 Datasheet HTML 54Page - Zilog, Inc. SL1919 Datasheet HTML 55Page - Zilog, Inc. SL1919 Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-52
P R E L I M I N A R Y
DS971800401
DMA BYTE COUNT REGISTER CHANNEL 0
(BCRO: I/O Address = 26H to 27H) specifies the number of bytes to be transferred. This register contains 16 bits and may
specify up to 64 KB transfers. When one byte is transferred, the register is decremented by one. If “n” bytes should be
transferred, “n” must be stored before the DMA operation.
Note: All DMA Count Register channels are undefined during reset.
DMA Byte Count Register Channel 0L
Mnemonic BCR0L
Address 26
DMA Byte Count Register Channel 0H
Mnemonic BCR0H
Address 27
DMA Byte Count Register Channel 1L
Mnemonic BCR1L
Address 2E
DMA Byte Count Register Channel 0H
Mnemonic BCR1H
Address 2F
Figure 61. DMA Byte Count Register 0L
Figure 62. DMA Byte Count Register 0H
Figure 63. DMA Byte Count Register 1L
Figure 64. DMA Byte Count Register 0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com