Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 64 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 64 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. SL1919 Datasheet HTML 64Page - Zilog, Inc. SL1919 Datasheet HTML 65Page - Zilog, Inc. SL1919 Datasheet HTML 66Page - Zilog, Inc. SL1919 Datasheet HTML 67Page - Zilog, Inc. SL1919 Datasheet HTML 68Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-64
P R E L I M I N A R Y
DS971800401
OPERATION MODE CONTROL REGISTER
Mnemonic OMCR
Address 3E
The Z80180/Z8S180/Z8L180 is descended from two dif-
ferent “ancestor” processors, Zilog's original Z80 and the
Hitachi 64180. The Operating Mode Control Register (OM-
CR) can be programmed to select between certain differ-
ences between the Z80 and the 64180.
M1E (M1 Enable). This bit controls the M1 output and is
set to a 1 during reset.
When M1E=1, the M1 output is asserted Low during the
opcode fetch cycle, the INT0 acknowledge cycle, and the
first machine cycle of the NMI acknowledge.
On the Z80180/Z8S180/Z8L180, this choice makes the
processor fetch an RETI instruction once, and when fetch-
ing an RETI from zero-wait-state memory will use three
clock machine cycles which are not fully Z80-timing com-
patible but are compatible with the on-chip CTCs.
When MIE=0, the processor does not drive M1 Low during
instruction fetch cycles, and after fetching an RETI instruc-
tion once with normal timing, it goes back and re-fetches
the instruction using fully Z80-compatible cycles that in-
clude driving M1 Low. This may be needed by some exter-
nal Z80 peripherals to properly decode the RETI instruc-
tion.I/O Control Register (ICR).
ICR allows relocating of the internal I/O addresses. ICR also controls enabling/disabling of the IOSTOP mode (Figure 84).
Figure 82. Operating Control Register
(OMCR: I/O Address = 3EH)
D7
Reserved
D6 D5 --
IOC (R/W)
M1TE (W)
M1E (R/W)
--
--
--
--
Figure 83. RETI Instruction Sequence with MIE=0
Figure 84. I/O Control Register (ICR: I/O Address = 3FH)
T1
T2
T3
T1
T2
T3
TI
TI
TI
T1
T2
T3
T1
T2
T3
TI
TI
A0-A18 (A19)
φ
D0-D7
PC
PC+1
PC
PC+1
EDH
4DH
EDH
4DH
MREQ
M1
RD
ST
IOA7
IOA6
--
--
--
--
IOSTP
Bit
7
6543210
--
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com