Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 41 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 37Page - Zilog, Inc. SL1919 Datasheet HTML 38Page - Zilog, Inc. SL1919 Datasheet HTML 39Page - Zilog, Inc. SL1919 Datasheet HTML 40Page - Zilog, Inc. SL1919 Datasheet HTML 41Page - Zilog, Inc. SL1919 Datasheet HTML 42Page - Zilog, Inc. SL1919 Datasheet HTML 43Page - Zilog, Inc. SL1919 Datasheet HTML 44Page - Zilog, Inc. SL1919 Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-41
1
is used as a clock input, and is divided by 1, 16, or 64 de-
pending on the DR bit and the X1 bit in the ASEXT register.
If these bits are not 111 and the BRG mode bit is ASEXT
is 0, then these bits specify a power-of-two divider for the
PHI clock as shown in Table 9.
Setting or leaving these bits as 111 makes sense for a
channel only when its CKA pin is selected for the CKA
function. CKAO/CKS has the CKAO function when bit 4 of
the System Configuration Register is 0. DCD0/CKA1 has
the CKA1 function when bit 0 of the Interrupt Edge register
is 1.
ASCI STATUS REGISTER 0, 1 (STAT0, 1)
Each channel status register allows interrogation of ASCI
communication, error and modem control signal status,
and enabling or disabling of ASCI interrupts.
RDRF: Receive Data Register Full (bit 7). RDRF is set to
1 when an incoming data byte is loaded into an empty Rx
FIFO. Note that if a framing or parity error occurs, RDRF is
still set and the receive data (which generated the error) is
still loaded into the FIFO. RDRF is cleared to 0 by reading
RDR and last character in the FIFO from IOSTOP mode,
during RESET and for ASCI0 if the /DCD0 input is auto-en-
abled and is negated (High).
OVRN: Overrun Error (bit 6). An overrun condition oc-
curs if the receiver has finished assembling a character but
the Rx FIFO is full so there is no room for the character.
However, this status bit is not set until the last character re-
ceived before the overrun becomes the oldest byte in the
FIFO. This bit is cleared when software writes a 1 to the
EFR bit in the CNTLA register, and also by Reset, in
IOSTOP mode, and for ASCI0 if the /DCD0 pin is auto en-
abled and is negated (High).
Note that when an overrun occurs, the receiver does not
place the character in the shift register into the FIFO, nor
any subsequent characters, until the last good character
has come to the top of the FIFO so that OVRN is set, and
software then writes a 1 to EFR to clear it.
Table 6. Divide Ratio
SS2
SS1
SS0
Divide Ratio
000
÷1
001
÷2
010
÷4
011
÷8
100
÷16
101
÷32
110
÷64
1
1
1
External Clock
Figure 35. ASCI Status Registers
Bit
RDRF
OVRN
R
R
R/W
PE
76
5
4
3
2
1
0
FE
RE
DCD0
TDRE
TIE
R
R
ASCI Status Register 0 (STAT0: I/O Address = 04H)
R
R
R/W
Bit
RDRF
OVRN
R
R/W
PE
76
5
4
3
2
1
0
FE
RE
TDRE
TIE
RR
ASCI Status Register 1 (STAT1: I/O Address = 05H)
R
R
R/W
CTSIE
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com