Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 57 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 53Page - Zilog, Inc. SL1919 Datasheet HTML 54Page - Zilog, Inc. SL1919 Datasheet HTML 55Page - Zilog, Inc. SL1919 Datasheet HTML 56Page - Zilog, Inc. SL1919 Datasheet HTML 57Page - Zilog, Inc. SL1919 Datasheet HTML 58Page - Zilog, Inc. SL1919 Datasheet HTML 59Page - Zilog, Inc. SL1919 Datasheet HTML 60Page - Zilog, Inc. SL1919 Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-57
1
Table 12 shows all DMA transfer mode combinations of
DM0, DM1, SM0, and SM1. Since I/O to/from I/O transfers
are not implemented, 12 combinations are available.
MMOD: Memory Mode Channel 0 (bit). When channel 0
is configured for memory to/from memory transfers there is
no Request Handshake signal to control the transfer tim-
ing. Instead, two automatic transfer timing modes are se-
lectable: burst (MMOD = 1) and cycle steal (MMOD = 0).
For burst memory to/from memory transfers, the DMAC
takes control of the bus continuously until the DMA transfer
completes (as shown by the byte count register = 0). In cy-
cle steal mode, the CPU is given a cycle for each DMA
byte transfer cycle until the transfer is completed.
For channel 0 DMA with I/O source or destination, the se-
lected Request signal times the transfer and thus MMOD
is ignored. MMOD is cleared to 0 during RESET.
Table 12. Transfer Mode Combinations
Address
DM1
DM0
SM1
SM0
Transfer Mode
Increment/Decrement
0000
Memory
→Memory
SAR0+1, DAR0+1
0001
Memory
→Memory
SAR0–1, DAR0+1
0010
Memory*
→Memory
SAR0 fixed, DAR0+1
0011
I/O
→Memory
SAR0 fixed, DAR0+1
0100
Memory
→Memory
SAR0+1, DAR0–1
0101
Memory
→Memory
SAR0–1, DAR0–1
0110
Memory*
→Memory
SAR0 fixed, DAR0–1
0111
I/O
→Memory
SAR0 fixed, DAR0–1
1000
Memory
→Memory*
SAR0+1, DAR0 fixed
1001
Memory
→Memory*
SAR0–1, DAR0 fixed
1010
Reserved
1011
Reserved
1100
Memory
→I/O
SAR0+1, DAR0 fixed
1101
Memory I/O
SAR0–1, DAR0 fixed
1110
Reserved
1110
Reserved
Note: * Includes memory mapped I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com