Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 43 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 39Page - Zilog, Inc. SL1919 Datasheet HTML 40Page - Zilog, Inc. SL1919 Datasheet HTML 41Page - Zilog, Inc. SL1919 Datasheet HTML 42Page - Zilog, Inc. SL1919 Datasheet HTML 43Page - Zilog, Inc. SL1919 Datasheet HTML 44Page - Zilog, Inc. SL1919 Datasheet HTML 45Page - Zilog, Inc. SL1919 Datasheet HTML 46Page - Zilog, Inc. SL1919 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-43
1
ASCI Receive Register
Register addresses 08H and 09H hold the ASCI receive
data for channel 0 and channel 1, respectively.
Channel 0
Mnemonics TSR0 --
Address (08H)
Channel 1--
Mnemonics TSR1
Address (09H)
CSI/O CONTROL/STATUS REGISTER
(CNTR: I/O Address = 0AH). CNTR is used to monitor
CSI/O status, enable and disable the CSI/O, enable and
disable interrupt generation, and select the data clock
speed and source.
EF: End Flag (bit 7). EF is set to 1 by the CSI/O to indicate
completion of an 8-bit data transmit or receive operation. If
EIE (End Interrupt Enable) bit = 1 when EF is set to 1, a
CPU interrupt request is generated. Program access of
TRDR only occurs if EF = 1. The CSI/O clears EF to 0
when TRDR is read or written. EF is cleared to 0 during
RESET and IOSTOP mode.
EIE: End Interrupt Enable (bit 6). EIE is set to 1 to gen-
erate a CPU interrupt request. The interrupt request is in-
hibited if EIE is reset to 0. EIE is cleared to 0 during RE-
SET.
RE: Receive Enable (bit 5). A CSI/O receive operation is
started by setting RE to 1. When RE is set to 1, the data
clock is enabled. In internal clock mode, the data clock is
output from the CKS pin. In external clock mode, the clock
is input on the CKS pin. In either case, data is shifted in on
the RXS pin in synchronization with the (internal or exter-
nal) data clock. After receiving 8 bits of data, the CSI/O au-
tomatically clears RE to 0, EF is set to 1, and an interrupt
(if enabled by EIE = 1) is generated. RE and TE are never
both set to 1 at the same time. RE is cleared to 0 during
RESET and ISTOP mode.
Figure 38. ASCI Receive Register Channel 0
ASCI Transmit Data
--
--
--
--
--
--
--
76
5
4
3
2
1
0
--
--
Figure 39. ASCI Receive Register Channel 1R
ASCI Transmit Data
--
--
--
--
--
--
--
76
5
4
3
2
1
0
--
--
Figure 40. CSI/O Control Register
Bit
EF
EIE
R/W
R/W
R/W
RE
76
5
4
3
21
0
TE
__
SS2
SS1
SS0
R
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com