Electronic Components Datasheet Search
  English  ▼

X  

SL1919 Datasheet(PDF) 68 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 68 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 62Page - Zilog, Inc. SL1919 Datasheet HTML 63Page - Zilog, Inc. SL1919 Datasheet HTML 64Page - Zilog, Inc. SL1919 Datasheet HTML 65Page - Zilog, Inc. SL1919 Datasheet HTML 66Page - Zilog, Inc. SL1919 Datasheet HTML 67Page - Zilog, Inc. SL1919 Datasheet HTML 68Page - Zilog, Inc. SL1919 Datasheet HTML 69Page - Zilog, Inc. SL1919 Datasheet HTML 70Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
Z80180/Z8S180/Z8L180
Enhanced Z180 Microprocessor
Zilog
1-68
P R E L I M I N A R Y
DS971800401
ORDERING INFORMATION
Z80180
6, 8, 10MHz
Z8S180
20, 33MHz
Z8L180
20MHz
Please check availability before placing order.
CODES
Package
F = Plastic Quad Flatpack
P = Plastic Dual In Line
V = Plastic Leaded Chip Carrier
Temperature
S = 0
°C to +70°C
E = -40C to +85C
Speeds
06 = 6 MHz
08 = 8 MHz
10 = 10 MHz
20 = 20 MHz
33 = 33 MHz
Environmental
C = Plastic Standard
Example:
Z 80180 08 P S C
is a Z80180, 08 MHz, Plastic DIP, 0
° to +70°C, Standard Flow
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com