Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 212 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 212 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 208Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 212Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 213Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 214Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 215Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 216Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
8-8
Conexant
100723A
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
TADC Ch 2 Data
(TADCCh2Data)
$01FF8009
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
TADC Ch 2 Data
(TADCCh2Data)
$01FF8008
(Not Used)
(Not Used)
Data[5]
(Read Only)
Data[4]
(Read Only)
Data[3]
(Read Only)
Data[2]
(Read Only)
Data[1]
(Read Only)
Data[0]
(Read Only)
Rst. Value
xx000000b
Read Value
00h
Bit 5-0
Data
This data is only valid when the auto mode is selected.
8.2.3
Firmware Operation
General setup:
1.
Select the desired tadclk frequency
2.
Select the desired mode of operation
In manual mode:
3mm. Select the right channel (“TADCCtrl[2:1]”)
4mm. Wait for at least “tadclk” period * 256 for TADC output to be stable
5mm. Read TADC data from “TADCInsData” register. (Then, go to step 3mm to select other channel)
In automatic mode:
3am. Select the desired update frequency (“TADCCtrl[4:3]”)
4am. Wait for at least TADC update period * 3 (only need to wait once after the above step. This wait guarantees
each channel has been selected and its value has been stored in the corresponding register)
5am. Read TADC data from “TADCCh1Data”, “TADCCh2Data”, “TADCCh3Data” at any time for latest data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com