Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 213 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 213 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 209Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 210Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 211Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 212Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 213Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 214Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 215Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 216Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 217Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
9-1
9. BI-LEVEL RESOLUTION CONVERSION
9.1
Functional Description
The bi-level resolution conversion logic in the MFC2000 performs expansion (converting from lower to higher
resolution) and reduction (converting from higher to lower resolution) of horizontal image data. Vertical line ORing
can also be performed for image reduction in the vertical direction. There are two data sources that can be
selected for this bi-level resolution conversion block. One is T4/T6 Decompressor and another is the external
memory. The data from the T4/T6 Decompressor is serially input to this bi-level resolution conversion logic. The
data from the external memory is input to this bi-level resolution conversion logic through the DMA operation. The
DMA operation for the data from the external memory uses the DMA channel 9. If the T4/T6 Decompressor is
selected as the data source, the DMA channel 9 request is blocked. The data from this resolution conversion logic
is output to the external memory also through the DMA operation. The DMA operation for the output data uses the
DMA channel 8 (See Figure 9-1).
The MFC2K adds the following features to the BRC Block:
1.
A first and last black data detector to indicate the first and last halfword out of the BRC that contains printable
data.
2.
The ability the change the ORing algorithm for hoizontal reduction.
Because the bi-level resolution conversion is a slave logic, the DMA channel 9 for inputting data from memory has
the block size control function. Once the block size limit is reached during the DMA operation. The DMA
Controller gives a signal to the bi-level resolution conversion logic that indicates the end of process. Then, the bi-
level resolution conversion logic will deactivate the DMA request, disable the FIFO, and start the flush operation.
After the flush operation the bi-level resolution conversion interrupt will be generated to the Interrupt Controller.
Before CPU gets out of the interrupt routine, CPU needs to write the new block size into the DMA9BlockSize
register of the DMA Controller (even the same block size) to clear the interrupt. Then, CPU needs to write a 1 and
then, immediately write a 0 to bit 1 of the BiResConvCtrl register to tell hardware to convert a new line (Reset the
Resolution Conversion Logic).
If the data from the T4/T6 Decompressor is serially input to this bi-level resolution conversion logic, this bi-level
resolution conversion logic is treated as a part of T.4/T6 logic. The T.4 line length (instead of block size of DMA
channel 9) and T.4 interrupt (instead of the bi-level resolution conversion interrupt) are used. Furthermore,, this bi-
level resolution conversion logic is enabled by setting bit 5 in the ‘T4Config’ register in the T4/T6
Compression/Decompression Logic.
The flush operation depends on the FIFO direction. If the FIFO is being read by the local side and written by the
system side, a flush will simply reset all of the internal FIFO pointers, thereby removing the data. If the FIFO is
being written by the local side and read by the system side, a flush will cause a DMA request to be generated. In
addition, if there is a single byte in the holding register, it will be treated as a halfword (the contents of the msbyte
of the halfword are indeterminate). Because of this, it is important for firmware to first check for the presence of a
single byte in the holding register (via the Byte Present bit in the FIFO Control register).
Each FIFO is composed of 4 halfwords, a holding register, and a control register. Firmware can randomly access
all the FIFO registers under the following restrictions:
•
When the FIFO is enabled - reads may return invalid data, writes are blocked
•
When the FIFO is disabled - read/write operations are properly performed
•
Random access of the FIFO registers is useful in saving and restoring the state of the FIFO. This should only
be done when the FIFO is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com