Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 250 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 250 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 246Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 248Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 249Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 250Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 254Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
12-4
Conexant
100723A
12.1.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Vertical Printer
Motor Pattern
Register
(VPMPattern)
01FF805D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Vertical Printer
Motor Pattern
Register
(VPMPattern)
01FF805C
VPMH[3]
VPMH[2]
VPMH[1]
VPMH[0]
VPMF[3]
VPMF[2]
VPMF[1]
VPMF[0]
Rst. Value
00h
Read Value
00h
For the full step excitation, the phase pattern VPM[3:0] (See Table 12-1 and Table 12-2) needs to be put into
VPMF[3:0] of this VPMPattern register. Bit[7:4] of this register are ‘don’t care’.
For the half step excitation, two adjacent phase patterns (See Table 12-3) need to be put into the VPMPattern
register: VPM[3:0] at FP[x] column needs to be put into VPMF[3:0] and VPM[3:0] at HP[x] column needs to be put
into VPMH[3:0]. The current output at PM[3:0] is VPMF[3:0].
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Clock Register
(VPStepClk)
01FF8853
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Clock Register
(VPStepClk)
01FF8852
(Not Used)
(Not Used)
(Not Used)
bit 4 of the
step clock
divider
bit 3 of the
step clock
divider
bit 2 of the
step clock
divider
bit 1 of the
step clock
divider
bit 0 of the
step clock
divider
Rst. Value
xxx00000b
Read Value
00h
•
STEPCLK = ICLK/(8 * (n+1)), n (bit[4:0] of the step clock divider): from 0 to 31
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Control
Register
(VPStepCtrl)
01FF8059
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Control
Register
(VPStepCtrl)
01FF8058
(Not Used)
(Not Used)
(Not Used)
Vertical Print
Motor Power
Control
Stepping
Mode
0: full step
1: half step
Motor
Direction
0: CW 1:
CCW
Step Enable
0: disable
1: enable
STEPIRQ
Clear
1:clear
Rst. Value
xxx00000b
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com