Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 251 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 251 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 248Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 249Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 250Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 254Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 255Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
12-5
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Timer Register
(VPStepTimer)
01FF805B
(Not Used)
(Not Used)
bit 13 of the
step timer
bit 12 of the
step timer
bit 11 of the
step timer
bit 10 of the
step timer
bit 9 of the
step timer
bit 8 of the
step timer
Rst. Value
xx000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Timer Register
(VPStepTimer)
01FF805A
bit 7 of the
step timer
bit 6 of the
step timer
bit 5 of the
step timer
bit 4 of the
step timer
bit 3 of the
step timer
bit 2 of the
step timer
bit 1 of the
step timer
bit 0 of the
step timer
Rst. Value
00h
Read Value
00h
•
The Time interval between two adjacent step pulses = (n+1)/STEPCLK, n (bit[13:0] of the step timer): from 0
to 16383
12.2 Scanner Stepper Motor Interface
12.2.1 Scanner Stepper Motor Control Description
The stepper motor can be controlled by this block to run at constant speed, increasing speed (acceleration), or
decreasing speed (deceleration).
The Motor Timer Sub-block contains two sets of loadable timers and timer registers. One is used for the step
control logic and the other is used for the delay control logic.
The step control logic is based on a loadable step timer and a step timer register. A pulse and interrupt are
generated when the step timer expires (timed-out) and at the same time, the content of the step timer register is
automatically loaded into the step timer. The pulse is used to change the phase pattern to the next one in the
Motor Pattern Control Sub-block and the interrupt is used to inform CPU to load the new step timer value to the
timer register if necessary for the step after the next step (See Figure 12-3).
Motor
Pattern
Control
Motor
Timer
STEPCLK
divider
Motor
External
Motor
Driver
The Scan Motor Control Block
motor
moving
clock
(MMCLK)
stepping
clock
(STEPCLK)
stepping pulse
(STEPPULSE)
vertical print stepping interrupt
(SSTEPIRQ)
Internal Bus Interface
and SM Logic Control
MFC2000
Chip
External
Circuit
SM_PWRCTRL
MSINT0
Figure 12-3. Scan Motor Control Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com