Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 379 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 379 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 375Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 376Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 377Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 378Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 379Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 380Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 381Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 382Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 383Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
22-5
22.1 Registers Description
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
CPC Threshold
(CPCThreshold)
01FF80A9
(Not Used)
Rst Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
CPC Threshold
(CPCThreshold)
01FF80A8
CPC Threshold
Rst Value
FFh
Read Value
FFh
Bit 15–8
Not Used
Bit 7–0
CPC Threshold
Name/Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
CPC Status &
Control
(CPCStatCtrl)
01FF80AB
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Name/Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
CPC Status &
Control
(CPCStatCtrl)
01FF80AA
CPC Flag
(R)
CPC Signal
(R)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Sampling Clock Select:
0: 125
µs
1: 500
µs
2: 2 ms
3: 8 ms
Rst Value
xxxxxx11b
Read Value
00000011b
Bit 15–8
Not Used
Bit 7
CPC Flag
Bit 6
CPC Signal
Bit 5–2
Not Used
Bit 1–0
Sampling Clock Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com