Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG46121 Datasheet HTML 1Page - Dialog Semiconductor SLG46121 Datasheet HTML 2Page - Dialog Semiconductor SLG46121 Datasheet HTML 3Page - Dialog Semiconductor SLG46121 Datasheet HTML 4Page - Dialog Semiconductor SLG46121 Datasheet HTML 5Page - Dialog Semiconductor SLG46121 Datasheet HTML 6Page - Dialog Semiconductor SLG46121 Datasheet HTML 7Page - Dialog Semiconductor SLG46121 Datasheet HTML 8Page - Dialog Semiconductor SLG46121 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
000-0046121--106
Page 3 of 97
SLG46121
3.0 User Programmability
Non-volatile memory (NVM) is used to configure the SLG46121’s connection matrix routing and macrocells. The NVM is
One-Time-Programmable (OTP). However, Silego’s GreenPAK development tools can be used to configure the connection matrix
and macrocells, without programming the NVM, to allow on-chip emulation. This configuration will remain active on the device as
long as it remains powered and can be re-written as needed to facilitate rapid design changes.
When a design is ready for in-circuit testing, the same GreenPAK development tools can be used to program the NVM and create
samples for small quantity builds. Once the NVM is programmed, the device will retain this configuration for the duration of its
lifetime.
Once the design is finalized, the design file can be forwarded to Silego to integrate into the production process.
Figure 1. Steps to create a custom Silego GreenPAK device
Product
Definition
Customer creates their own design in
GreenPAK Designer
Program Engineering Samples with
GreenPAK Development Tools
Customer verifies GreenPAK
in system design
E-mail design file to
GreenPAK@silego.com
E-mail Product Idea, Definition, Drawing, or
Schematic to GreenPAK@silego.com
Silego Applications Engineers will review design
specifications with customer
Samples and Design & Characterization
Report sent to customer
Customer verifies GreenPAK design
Custom GreenPAK part
enters production
GreenPAK Design
approved in system test
GreenPAK Design
approved
GreenPAK Design
approved
Emulate design to verify behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com