Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 71 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 71 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 67Page - Dialog Semiconductor SLG46121 Datasheet HTML 68Page - Dialog Semiconductor SLG46121 Datasheet HTML 69Page - Dialog Semiconductor SLG46121 Datasheet HTML 70Page - Dialog Semiconductor SLG46121 Datasheet HTML 71Page - Dialog Semiconductor SLG46121 Datasheet HTML 72Page - Dialog Semiconductor SLG46121 Datasheet HTML 73Page - Dialog Semiconductor SLG46121 Datasheet HTML 74Page - Dialog Semiconductor SLG46121 Datasheet HTML 75Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
000-0046121--106
Page 70 of 97
SLG46121
12.1 CNT/DLY0 Register Settings
Figure 44. CNT/DLY1
Table 53. CNT/DLY0 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/Delay0
Mode Select
reg <548>
0: Delay Mode
1: Counter Mode
Counter/Delay0
Clock Source Select
(external clock is
only for counter
mode)
reg <551:549>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: Reserved
111: Reserved
Counter0 Control
Data/Delay0 Time
Control
reg <565:552>
1-16383: (delay time = (counter control data +2) /freq)
Delay0 Mode Select
or asynchronous
counter reset
reg <567:566>
00: Delay on both falling and rising edges
01: Delay on falling edge only
10: Delay on rising edge only
11: No delay on either falling or rising edges
CNT/DLY1
Counter_end
clk
To Connection
Matrix Input <24>
From Connection
Matrix Output <54>
Count_end_out_x-1
reg <568>
0
1
2
3
4
5
6
7
ext. clock from CM Out<53>
RC Osc/64
RC Osc/24
RC Osc/12
RC Osc/4
RC Osc
Counter Control Data
reg <579:572>
reg <571:569>
0
1
0
1
Delay_out
Delay_IN
Reset_IN
Edge Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com