Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 31Page - Dialog Semiconductor SLG46121 Datasheet HTML 32Page - Dialog Semiconductor SLG46121 Datasheet HTML 33Page - Dialog Semiconductor SLG46121 Datasheet HTML 34Page - Dialog Semiconductor SLG46121 Datasheet HTML 35Page - Dialog Semiconductor SLG46121 Datasheet HTML 36Page - Dialog Semiconductor SLG46121 Datasheet HTML 37Page - Dialog Semiconductor SLG46121 Datasheet HTML 38Page - Dialog Semiconductor SLG46121 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
000-0046121--106
Page 34 of 97
SLG46121
reg <233:228>
in0 of LUT3_7
38
reg <239:234>
in1 of LUT3_7
39
reg <245:240>
in2 of LUT3_7
40
reg <251:246>
in0 of LUT3_8 (Input of pipe delay)
41
reg <257:252>
in1 of LUT3_8 (Resetb of pipe delay)
42
reg <263:258>
in2 of LUT3_8 (Clock of pipe delay)
43
reg <269:264>
in0 of LUT4_0 (Input for Delay2 ext. clock or Counter2 8bit external Clock)
44
reg <275:270>
in1 of LUT4_0 (Input for delay2 or counter2 reset input)
45
reg <281:276>
in2 of LUT4_0
46
reg <287:282>
in3 of LUT4_0
47
reg <293:288>
in0 of LUT4_1 (Input for Delay3 ext. clock or Counter3 8bit external Clock)
48
reg <299:294>
in1 of LUT4_1 (Input for delay3 or counter3 reset input)
49
reg <305:300>
in2 of LUT4_1
50
reg <311:306>
in3 of LUT4_1
51
reg <317:312>
Input for delay0 or counter0 (14bits) external clock
52
reg <323:318>
Input for Delay1 ext. clock or Counter1 8bit external Clock
53
reg <329:324>
Input for delay1 or counter1 reset input
54
reg <335:330>
Not used
55
reg <341:336>
pdb for ACMP0
56
reg <347:342>
pdb for ACMP1
57
reg <353:348>
Input for programmable delay for edge detector (Deglitch filter input)
58
reg <359:354>
Power down for osc. (higher priority) (high = power down).
59
reg <365:360>
Pin 8 digital out source
60
reg <371:366>
Pin 9 digital out source
61
reg <377:372>
Pin 10 digital out source
62
reg <383:378>
Pin 10 output enable
63
Table 16. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com