Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 27Page - Dialog Semiconductor SLG46121 Datasheet HTML 28Page - Dialog Semiconductor SLG46121 Datasheet HTML 29Page - Dialog Semiconductor SLG46121 Datasheet HTML 30Page - Dialog Semiconductor SLG46121 Datasheet HTML 31Page - Dialog Semiconductor SLG46121 Datasheet HTML 32Page - Dialog Semiconductor SLG46121 Datasheet HTML 33Page - Dialog Semiconductor SLG46121 Datasheet HTML 34Page - Dialog Semiconductor SLG46121 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
000-0046121--106
Page 30 of 97
SLG46121
8.0 Connection Matrix
The Connection Matrix in the SLG46121 is used to create the internal routing for internal functions of the device once it is
programmed. The registers are programmed from the one-time NVM cell during Test Mode Operation. All of the connection points
for each logic cell within the SLG46121 have a specific digital bit code assigned to it that is either set to active “High” or inactive
“Low” based on the design that is created. Once the 768 register bits within the SLG46121 are programmed a fully custom circuit
will be created.
The Connection Matrix has 40 inputs and 64 outputs. Each of the 40 inputs to the Connection Matrix is hard-wired to a particular
source macrocell, including I/O pins, LUTs, analog comparators, other digital resources and VDD and VSS. The input to a digital
macrocell uses a 6-bit register to select one of these 40 input lines.
For a complete list of the SLG46121’s register table, see Section 17.0 Appendix A - SLG46121 Register Definition.
Figure 7. Connection Matrix
Figure 8. Connection Matrix Example
VSS
0
Pin 2 Digital In
1
Pin 3 Digital In
2
Pin 4 Digital In
3
Matrix Input Signal
Functions
N
PIN12 Digital In
38
VDD
39
N
Function
Registers
63
PIN10 Output En-
able
reg <383:378>
0
PIN3 Digital Output
Source
reg <5:0>
1
PIN4Digital Output
Source
reg <11:6>
2
PIN5 Digital Output
Source
reg <17:12>
Matrix Inputs
Matrix Outputs
Pin 2
Pin 3
Pin 10
Connection Matrix
LUT
Pin 3
Pin 2
LUT
Pin 10
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com