Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 30Page - Dialog Semiconductor SLG46121 Datasheet HTML 31Page - Dialog Semiconductor SLG46121 Datasheet HTML 32Page - Dialog Semiconductor SLG46121 Datasheet HTML 33Page - Dialog Semiconductor SLG46121 Datasheet HTML 34Page - Dialog Semiconductor SLG46121 Datasheet HTML 35Page - Dialog Semiconductor SLG46121 Datasheet HTML 36Page - Dialog Semiconductor SLG46121 Datasheet HTML 37Page - Dialog Semiconductor SLG46121 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
000-0046121--106
Page 33 of 97
SLG46121
8.2 Matrix Output Table
Table 16. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number
reg <5:0>
Pin 3 digital out source
0
reg <11:6>
Pin 4 digital out source
1
reg <17:12>
Pin 5 digital out source
2
reg <23:18>
Pin 6 digital out source
3
reg <29:24>
Pin 6 output enable
4
reg <35:30>
in0 of LUT2_0 (Clock Input of DFF0)
5
reg <41:36>
in1 of LUT2_0 (Data Input of DFF0)
6
reg <47:42>
in0 of LUT2_1 (Clock Input of DFF1)
7
reg <53:48>
in1 of LUT2_1 (Data Input of DFF1)
8
reg <59:54>
in0 of LUT2_2 (Clock Input of DFF2)
9
reg <65:60>
in1 of LUT2_2 (Data Input of DFF2)
10
reg <71:66>
in0 of LUT2_3 (Clock Input of DFF3)
11
reg <77:72>
in1 of LUT2_3 (Data Input of DFF3)
12
reg <83:78>
in0 of LUT2_4
13
reg <89:84>
in1 of LUT2_4
14
reg <95:90>
in0 of Inverter INV_0
15
reg <101:96>
Pin 12 digital out source
16
reg <107:102>
in0 of LUT3_0 (Clock Input of DFF4 with nReset/nSet)
17
reg <113:108>
in1 of LUT3_0 (Data input of DFF4 with nReset/nSet)18
reg <119:114>
in2 of LUT3_0 (Resetb or Setb of DFF4 with nReset/nSet)
19
reg <125:120>
in0 of LUT3_1 (Clock Input of DFF5 with nReset/nSet)
20
reg <131:126>
in1 of LUT3_1 (Data input of DFF5 with nReset/nSet)21
reg <137:132>
in2 of LUT3_1 (Resetb or Setb of DFF5 with nReset/nSet)
22
reg <143:138>
in0 of LUT3_2 (Clock Input of DFF6 with nReset/nSet)
23
reg <149:144>
in1 of LUT3_2 (Data input of DFF6 with nReset/nSet)24
reg <155:150>
in2 of LUT3_2 (Resetb or Setb of DFF6 with nReset/nSet)
25
reg <161:156>
in0 of LUT3_3 (Clock Input of DFF7 with nReset/nSet)
26
reg <167:162>
in1 of LUT3_3 (Data input of DFF7 with nReset/nSet)27
reg <173:168>
in2 of LUT3_3 (Resetb or Setb of DFF7 with nReset/nSet)
28
reg <179:174>
in0 of LUT3_4
29
reg <185:180>
in1 of LUT3_4
30
reg <191:186>
in2 of LUT3_4
31
reg <197:192>
in0 of LUT3_5
32
reg <203:198>
in1 of LUT3_5
33
reg <209:204>
in2 of LUT3_5
34
reg <215:210>
in0 of LUT3_6
35
reg <221:216>
in1 of LUT3_6
36
reg <227:222>
in2 of LUT3_6
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com