Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 56Page - Dialog Semiconductor SLG46121 Datasheet HTML 57Page - Dialog Semiconductor SLG46121 Datasheet HTML 58Page - Dialog Semiconductor SLG46121 Datasheet HTML 59Page - Dialog Semiconductor SLG46121 Datasheet HTML 60Page - Dialog Semiconductor SLG46121 Datasheet HTML 61Page - Dialog Semiconductor SLG46121 Datasheet HTML 62Page - Dialog Semiconductor SLG46121 Datasheet HTML 63Page - Dialog Semiconductor SLG46121 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
000-0046121--106
Page 59 of 97
SLG46121
11.0 Analog Comparators (ACMP)
There are two Analog Comparator (ACMP) macrocells in the SLG46120. In order for the ACMP cells to be used in a GreenPAK
design, the power up signals (ACMP0_pdb and ACMP1_pdb) need to be active. By connecting to signals coming from the
Connection Matrix, it is possible to have each ACMP be on continuously, off continuously, or switched on periodically based on
a digital signal coming from the Connection Matrix. When ACMP is powered down, output is low.
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources, and can also have a
selectable gain stage before connection to the analog comparator. Each of the ACMP cells has a negative input signal that is
either created from an internal VREF or provided by way of the external sources.
Each of the ACMP cells has a selection for the bandwidth of the input signal, which can be used to save power when low bandwidth
signals are input into the analog comparator. And if input frequency > 200 kHz, the output will retain its previous value. Each cell
also has a hysteresis selection, to offer hysteresis of 0 mV, 25 mV, 50 mV or 200 mV.
During powerup, the ACMP output will remain low, and then become valid 110 µs (max) after POR signal goes high, see Figure 26.
Note: Applies to first time power ON.
Note: Regulator and Charge Pump set to automatic ON/OFF.
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources, and can also have a
selectable gain stage (1X, 0.5X, 0.33X, 0.25X) before connection to the analog comparator. The Gain divider is unbuffered and
consists of 250 KΩ (typ.) resistors, see Table 48. For gain divider accuracy refer to Table 49. IN- voltage range: 0 - 1.2 V. Can
use Vref selection VDD/4 and VDD/3 to maintain this input range.
Figure 26. Maximum Power On Delay vs. VDD.
Table 48. Gain Divider Input Resistance (typ).
Gain
1X
0.5X
0.33X
0.25X
Input Resistance
100M
1M
0.75M
1M
Table 49. Gain Divider Accuracy.
Gain
0.5X
0.33X
0.25X
Accuracy
±0.6%
±0.9%
±0.28%
1
2
3
4
5
6
7
8
9
10
11
12
0
0
0
0
0
0
0
0
0
0
0
0
0
VDD (V)
-35
roo
+85
5 C
om
5 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com