Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 33Page - Dialog Semiconductor SLG46121 Datasheet HTML 34Page - Dialog Semiconductor SLG46121 Datasheet HTML 35Page - Dialog Semiconductor SLG46121 Datasheet HTML 36Page - Dialog Semiconductor SLG46121 Datasheet HTML 37Page - Dialog Semiconductor SLG46121 Datasheet HTML 38Page - Dialog Semiconductor SLG46121 Datasheet HTML 39Page - Dialog Semiconductor SLG46121 Datasheet HTML 40Page - Dialog Semiconductor SLG46121 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
000-0046121--106
Page 36 of 97
SLG46121
9.2 3-Bit LUT
The four 3-bit LUTs each take in three input signals from the connection matrix and produce a single output, which goes back into
the connection matrix.
Figure 10. 3-bit LUTs
3-bit LUT4 OUT
IN1
IN0
reg <463:456>
From Connection
Matrix Output <29>
From Connection
Matrix Output <30>
To Connection
Matrix Input <16>
3-bit LUT5 OUT
IN1
IN0
reg <471:464>
From Connection
Matrix Output <32>
From Connection
Matrix Output <33>
To Connection
Matrix Input <17>
IN2
From Connection
Matrix Output <31>
IN2
From Connection
Matrix Output <34>
3-bit LUT6 OUT
IN1
IN0
reg <479:472>
From Connection
Matrix Output <35>
From Connection
Matrix Output <36>
To Connection
Matrix Input <18>
3-bit LUT7 OUT
IN1
IN0
reg <487:480>
From Connection
Matrix Output <38>
From Connection
Matrix Output <39>
To Connection
Matrix Input <19>
IN2
From Connection
Matrix Output <37>
IN2
From Connection
Matrix Output <40>
Table 19. 3-bit LUT4 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <456>
0
0
1
reg <457>
0
1
0
reg <458>
0
1
1
reg <459>
1
0
0
reg <460>
1
0
1
reg <461>
1
1
0
reg <462>
1
1
1
reg <463>
Table 20. 3-bit LUT5 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <464>
0
0
1
reg <465>
0
1
0
reg <466>
0
1
1
reg <467>
1
0
0
reg <468>
1
0
1
reg <469>
1
1
0
reg <470>
1
1
1
reg <471>
Table 21. 3-bit LUT6 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <472>
0
0
1
reg <473>
0
1
0
reg <474>
0
1
1
reg <475>
1
0
0
reg <476>
1
0
1
reg <477>
1
1
0
reg <478>
1
1
1
reg <479>
Table 22. 3-bit LUT7 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <480>
0
0
1
reg <481>
0
1
0
reg <482>
0
1
1
reg <483>
1
0
0
reg <484>
1
0
1
reg <485>
1
1
0
reg <486>
1
1
1
reg <487>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com