Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 14Page - Dialog Semiconductor SLG46121 Datasheet HTML 15Page - Dialog Semiconductor SLG46121 Datasheet HTML 16Page - Dialog Semiconductor SLG46121 Datasheet HTML 17Page - Dialog Semiconductor SLG46121 Datasheet HTML 18Page - Dialog Semiconductor SLG46121 Datasheet HTML 19Page - Dialog Semiconductor SLG46121 Datasheet HTML 20Page - Dialog Semiconductor SLG46121 Datasheet HTML 21Page - Dialog Semiconductor SLG46121 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
000-0046121--106
Page 17 of 97
SLG46121
6.0 Summary of Macrocell Function
6.1 I/O Pins
•
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
•
Open Drain NMOS and Open Drain PMOS Outputs
•
Push Pull Outputs
•
Analog I/O
•
10 k
/100 k/1 Mpull-up/pull-down resistors
6.2 Connection Matrix
•
Digital matrix for circuit connections based on user design
6.3 Analog Comparators (2 total)
•
Selectable hysteresis 0 mV/25 mV/50 mV/200 mV and selectable gain 1x/0.5x/0.33x/0.25x
6.4 Voltage Reference
•
Used for references on Analog Comparators
•
Can also be driven to external pins
6.5 Combinational Logic Look Up Tables (LUTs – 5 total)
•
One 2-bit Lookup Tables
•
Four 3-bit Lookup Tables
6.6 Combination Function Macrocells (12 total)
•
Four Selectable DFF/Latches or 2-bit LUTs
•
Four Selectable DFF/Latches or 3-bit LUTs
•
One Selectable Pipe Delay or 3-bit LUT
•
Two Selectable CNT/DLYs or 4-bit LUTs
•
One Programmable Delay or Deglitch Filter
6.7 Delays/Counters (2 total)
•
One 8-bit delay/counter with external clock/reset: Range 1-255 clock cycles
•
One 14-bit delay/counter with external clock: Range 1-16383 clock cycles
6.8 Pipe Delay (Part of Combination Function Macrocell)
•
8 stage / 2 output
•
Two 1-8 stage selectable outputs
•
One 1 stage fixed output
6.9 Additional Logic Functions (Part of Combination Function Macrocell)
•
One Deglitch filter macrocell
•
One Programmable Delay
• 163 ns / 305 ns / 446 ns / 588 ns @ 3.3 V
• Includes Edge Detection function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com