Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 16Page - Dialog Semiconductor SLG46121 Datasheet HTML 17Page - Dialog Semiconductor SLG46121 Datasheet HTML 18Page - Dialog Semiconductor SLG46121 Datasheet HTML 19Page - Dialog Semiconductor SLG46121 Datasheet HTML 20Page - Dialog Semiconductor SLG46121 Datasheet HTML 21Page - Dialog Semiconductor SLG46121 Datasheet HTML 22Page - Dialog Semiconductor SLG46121 Datasheet HTML 23Page - Dialog Semiconductor SLG46121 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
000-0046121--106
Page 19 of 97
SLG46121
7.0 I/O Pins
The SLG46121 has a total of 9 multi-function I/O pins which can function as either a user defined Input or Output, as well as
serving as a special function (such as outputting the voltage reference). Refer to Section 2.0 Pin Description for pin definitions.
All of the 9 user defined I/O pins on the SLG46121, exept Pin 2 can serve as both digital input and digital output. Pin 2 can only
serve as a digital input pin.
The high side of the user selectable push-pull or open-drain pin output structures for each GPIO is connected to either VDD or
VDD2. This allows for the appropriate voltage level output compatible with each voltage domain. The level shifters are located in
lower power IO PADs (pins 8, 9, 10 and 12) powered from VDD2. All configuration registers of the SLG46121 are powered from
VDD, so it is possible to maintain the configuration information even after VDD2 was turned off, discharged and turned back on
again.
7.1 Input Modes
Each I/O pin can be configured as a digital input pin with/without buffered Schmitt Trigger, or can also be configured as a low
voltage digital input. Pins 3, 4, and 6 can also be configured to serve as analog inputs to the on-chip comparators.
7.2 Output Modes
Pins 3, 4, 5, 6, 8, 9, 10, and 12 can all be configured as digital output pins.
7.3 Pull Up/Down Resistors
All I/O pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
, 100 k and 1 M. In the case of Pin 2, the resistors are fixed to a pull-down configuration. In the case of all other I/O
pins, the internal resistors can be configured as either pull-up or pull-downs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com