Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 12Page - Dialog Semiconductor SLG46121 Datasheet HTML 13Page - Dialog Semiconductor SLG46121 Datasheet HTML 14Page - Dialog Semiconductor SLG46121 Datasheet HTML 15Page - Dialog Semiconductor SLG46121 Datasheet HTML 16Page - Dialog Semiconductor SLG46121 Datasheet HTML 17Page - Dialog Semiconductor SLG46121 Datasheet HTML 18Page - Dialog Semiconductor SLG46121 Datasheet HTML 19Page - Dialog Semiconductor SLG46121 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
000-0046121--106
Page 15 of 97
SLG46121
5.10 Typical Counter/Delay Offset Measurements
5.11 Expected Delays and Widths
Table 3. Typical Counter/Delay Offset Measurements.
Parameter
RC OSC
Freq
RC OSC Power
VDD = 1.8V
VDD = 3.3V
VDD = 5.0V
Unit
offset
25 kHz
auto
19
14
12
s
offset
2 MHz
auto
7
4
4
s
frequency settling time
25 kHz
auto
19
14
12
s
frequency settling time
2 MHz
auto
14
14
14
s
variable (CLK period)
25 kHz
forced
0-40
0-40
0-40
s
variable (CLK period)
2 MHz
forced
0-0.5
0-0.5
0-0.5
s
tpd (non-delayed edge)
25 kHz/
2 MHz
either
35
14
10
ns
Table 4. Expected Delays and Widths for Programmable Delay (typical).
Symbol
Parameter
Note
VDD/VDD2=
1.8V
VDD/VDD2=
3.3V
VDD/VDD2 =
5.0V
Unit
time1
Width, 1 cell
PDLY mode:(any)edge detect, edge detect
output
256.7
120.8
110
ns
time1
Width, 2 cell
PDLY mode:(any)edge detect, edge detect
output
564.4
262.7
225
ns
time1
Width, 3 cell
PDLY mode:(any)edge detect, edge detect
output
873.5
405
340
ns
time1
Width, 4 cell
PDLY mode:(any)edge detect, edge detect
output
11.82.3
547.5
450
ns
time2
Delay, 1 cell
PDLY mode:(any)edge detect, edge detect
output
48.2
20
14
ns
time2
Delay, 2 cell
PDLY mode:(any)edge detect, edge detect
output
48.2
20.1
14
ns
time2
Delay, 3 cell
PDLY mode:(any)edge detect, edge detect
output
48.2
20.1
14
ns
time2
Delay, 4 cell
PDLY mode:(any)edge detect, edge detect
output
48.3
20.1
14
ns
time1
Delay, 1 cell
PDLY mode: both edge delay (shared
macrocell inputs)
357.9
162.2
110
ns
time1
Delay, 2 cell
PDLY mode: both edge delay (shared
macrocell inputs)
666.1
304.3
220
ns
time1
Delay, 3 cell
PDLY mode: both edge delay (shared
macrocell inputs)
974.7
446.3
335
ns
time1
Delay, 4 cell
PDLY mode: both edge delay (shared
macrocell inputs)
1283.8
588.8
450
ns
time1
Width
CNT3/DLY3 Rising Edge Detect (shared
macrocell inputs)
136.6
73.4
140
ns
time1
Width
CNT3/DLY3 Falling Edge Detect (shared
macrocell inputs)
130.6
71
140
ns
time1
Width
CNT3/DLY3 Both Edge Detect (shared
macrocell inputs)
133.05
72
140
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com