Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 65Page - Dialog Semiconductor SLG46121 Datasheet HTML 66Page - Dialog Semiconductor SLG46121 Datasheet HTML 67Page - Dialog Semiconductor SLG46121 Datasheet HTML 68Page - Dialog Semiconductor SLG46121 Datasheet HTML 69Page - Dialog Semiconductor SLG46121 Datasheet HTML 70Page - Dialog Semiconductor SLG46121 Datasheet HTML 71Page - Dialog Semiconductor SLG46121 Datasheet HTML 72Page - Dialog Semiconductor SLG46121 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
000-0046121--106
Page 68 of 97
SLG46121
Figure 39. Maximum Propagation Delay Low-to-High
vs. Voltage Reference at Room Temperature,
VDD = (1.89 – 3.6) V.
Figure 40. Maximum Propagation Delay Low-to-High
vs. Voltage Reference at Room Temperature,
VDD = (3.6 – 5.5) V.
0.25
0.5
1
2
4
8
16
32
64
128
256
512
1024
VOLT
Vod=2
Vod=5
Vod=10
Vod=10
TAGE REFERENCE
mV
mV
0 mV
00 mV
E (mV)
0.25
0.5
1
2
4
8
16
32
64
128
256
512
1024
VOLT
Vod=2
Vod=5
Vod=10
Vod=10
TAGE REFERENCE
mV
mV
0 mV
00 mV
E (mV)
Figure 41. Maximum Propagation Delay High-to-Low
vs. Voltage Reference at Room Temperature,
VDD = (1.89 – 3.6) V.
Figure 42. Maximum Propagation Delay High-to-Low
vs. Voltage Reference at Room Temperature,
VDD = (3.6 – 5.5) V.
0.25
0.5
1
2
4
8
16
32
64
128
256
512
1024
VOLT
Vod=2
Vod=5
Vod=10
Vod=10
TAGE REFERENCE
mV
mV
0 mV
00 mV
E (mV)
0.25
0.5
1
2
4
8
16
32
64
128
256
512
1024
VOLT
Vod=2
Vod=5
Vod=10
Vod=10
TAGE REFERENCE
mV
mV
0 mV
00 mV
E (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com