Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 82 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 82 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 78Page - Dialog Semiconductor SLG46121 Datasheet HTML 79Page - Dialog Semiconductor SLG46121 Datasheet HTML 80Page - Dialog Semiconductor SLG46121 Datasheet HTML 81Page - Dialog Semiconductor SLG46121 Datasheet HTML 82Page - Dialog Semiconductor SLG46121 Datasheet HTML 83Page - Dialog Semiconductor SLG46121 Datasheet HTML 84Page - Dialog Semiconductor SLG46121 Datasheet HTML 85Page - Dialog Semiconductor SLG46121 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
000-0046121--106
Page 81 of 97
SLG46121
reg<251:246>
Matrix Out: In0 of LUT3_8 or Input of Pipe delay
reg<257:252>
Matrix Out: In1 of LUT3_8 or Resetb of Pipe delay
reg<263:258>
Matrix Out: In2 of LUT3_8 or Clock of Pipe delay
reg<269:264>
Matrix Out: In0 of LUT4_0 or Input for delay2(couter2)
external clock
reg<275:270>
Matrix Out: In1 of LUT4_0 or Input for delay2 da-
ta(counter2 reset)
reg<281:276>
Matrix Out: In2 of LUT4_0
reg<287:282>
Matrix Out: In3 of LUT4_0
reg<293:288>
Matrix Out: In0 of LUT4_1 or Input for delay3(couter3)
external clock
reg<299:294>
Matrix Out: In1 of LUT4_1 or Input for delay3 da-
ta(counter3 reset)
reg<305:300>
Matrix Out: In2 of LUT4_1
reg<311:306>
Matrix Out: In3 of LUT4_1
reg<317:312>
Matrix Out: Input for delay0 data(counter0 external
clock)
reg<323:318>
Matrix Out: Input for delay1(counter1) external clock
reg<329:324>
Matrix Out: Input for delay1 data(counter1 reset)
reg<335:330>
Matrix Out: Not used
reg<341:336>
Matrix Out: pdb(power down) for ACMP0
reg<347:342>
Matrix Out: pdb(power down) for ACMP1
reg<353:348>
Matrix Out: Input for programmable delay (deglitch filter
input)
reg<359:354>
Matrix Out: Power down for osc (1: Power down)
reg<365:360>
Matrix Out: PIN8 Digital Output Source
reg<371:366>
Matrix Out: PIN9 Digital Output Source
reg<377:372>
Matrix Out: PIN10 Digital Output Source
reg<383:378>
Matrix Out: Output Enable of PIN10
reg<389:384>
Reserved
reg<395:390>
Reserved
LUT2_0 or DFF0
reg<399:396>
LUT2_0 data or the following
reg<396>
DFF0 or Latch select
0: DFF function
1: Latch function
reg<397>
DFF0 output select
0: Q output
1: nQ output
reg<398>
DFF0 initial polarity select
0: Low
1: High
LUT2_1 or DFF1
reg<403:400>
LUT2_1 data or the following
0: DFF function
1: Latch function
reg<400>
DFF1 or Latch select
0: DFF function
1: Latch function
reg<401>
DFF1 output select
0: Q output
1: nQ output
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com