Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 41Page - Dialog Semiconductor SLG46121 Datasheet HTML 42Page - Dialog Semiconductor SLG46121 Datasheet HTML 43Page - Dialog Semiconductor SLG46121 Datasheet HTML 44Page - Dialog Semiconductor SLG46121 Datasheet HTML 45Page - Dialog Semiconductor SLG46121 Datasheet HTML 46Page - Dialog Semiconductor SLG46121 Datasheet HTML 47Page - Dialog Semiconductor SLG46121 Datasheet HTML 48Page - Dialog Semiconductor SLG46121 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
000-0046121--106
Page 44 of 97
SLG46121
10.2 3-Bit LUT or D Flip Flop with Set/Reset Macrocells
There are four macrocells that can serve as either 3-bit LUTs or as D Flip Flops. When used to implement LUT functions, the 3-bit
LUTs each take in three input signals from the connection matrix and produce a single output, which goes back into the connection
matrix. When used to implement D Flip Flop function, the three input signals from the connection matrix go to the data (d) and
clock (clk) and Set/Reset (nRST/nSET) inputs for the Flip Flop, with the output going back to the connection matrix..
Figure 15. 3-bit LUT0 or DFF4
Figure 16. 3-bit LUT1 or DFF5
DFF4
To Connection Matrix<
Input 12>
From Connection
Matrix Output <19>
3-bit LUT0
From Connection
Matrix Output <18>
From Connection
Matrix Output <17>
reg <431:424>
clk
D
8-bits NVM
1-bit NVM
OUT
IN1
IN2
IN0
nRST/nSET
reg <496>
reg <425> Output Select (Q or nQ)
Q/nQ
3-bit LUT0
DFF5
3-bit LUT1
From Connection
Matrix Output <22>
From Connection
Matrix Output <21>
From Connection
Matrix Output <20>
reg <439:432>
To Connection Matrix<
Input 13>
clk
D
8-bits NVM
1-bit NVM
OUT
IN1
IN2
IN0
nRST/nSET
reg <497>
reg <433> Output Select (Q or nQ)
Q/nQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com