Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 69Page - Dialog Semiconductor SLG46121 Datasheet HTML 70Page - Dialog Semiconductor SLG46121 Datasheet HTML 71Page - Dialog Semiconductor SLG46121 Datasheet HTML 72Page - Dialog Semiconductor SLG46121 Datasheet HTML 73Page - Dialog Semiconductor SLG46121 Datasheet HTML 74Page - Dialog Semiconductor SLG46121 Datasheet HTML 75Page - Dialog Semiconductor SLG46121 Datasheet HTML 76Page - Dialog Semiconductor SLG46121 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
000-0046121--106
Page 72 of 97
SLG46121
13.0 Voltage Reference (VREF)
13.1 Voltage Reference Overview
The SLG46121 has a Voltage Reference Macrocell to provide references to the four analog comparators. This macrocell can
supply a user selection of fixed voltage references, /3 and /4 reference off of the VDD power supply to the device, and externally
supplied voltage references from Pin 4. The macrocell also has the option to output reference voltages on pins 10. See table
below for the available selections for each analog comparator. Also see Figure 45 below, which shows the reference output
structure.
13.2 VREF Selection Table
Table 55. VREF Selection Table.
SEL<4:0>
CMP0_VREF
CMP1_VREF
11010
ext. Vref (PIN4)
ext. Vref (PIN4)
11001
VDD / 4
VDD / 4
11000
VDD / 3
VDD / 3
10111
1.20 V
1.20 V
10110
1.15 V
1.15 V
10101
1.10 V
1.10 V
10100
1.05 V
1.05 V
10011
1.00 V
1.00 V
10010
0.95 V
0.95 V
10001
0.90 V
0.90 V
10000
0.85 V
0.85 V
01111
0.80 V
0.80 V
01110
0.75 V
0.75 V
01101
0.70 V
0.70 V
01100
0.65 V
0.65 V
01011
0.60 V
0.60 V
01010
0.55 V
0.55 V
01001
0.50 V
0.50 V
01000
0.45 V
0.45 V
00111
0.40 V
0.40 V
00110
0.35 V
0.35 V
00101
0.30 V
0.30 V
00100
0.25 V
0.25 V
00011
0.20 V
0.20 V
00010
0.15 V
0.15 V
00001
0.10 V
0.10 V
00000
0.05 V
0.05 V
VDD
Practial VREF Range
Note
3.0 V - 5.5 V
50 mV ~1.2 V
VDD > 3.6 V external Vref cannot be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com