Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 86 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 86 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 82Page - Dialog Semiconductor SLG46121 Datasheet HTML 83Page - Dialog Semiconductor SLG46121 Datasheet HTML 84Page - Dialog Semiconductor SLG46121 Datasheet HTML 85Page - Dialog Semiconductor SLG46121 Datasheet HTML 86Page - Dialog Semiconductor SLG46121 Datasheet HTML 87Page - Dialog Semiconductor SLG46121 Datasheet HTML 88Page - Dialog Semiconductor SLG46121 Datasheet HTML 89Page - Dialog Semiconductor SLG46121 Datasheet HTML 90Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
000-0046121--106
Page 85 of 97
SLG46121
reg<541:539>
Internal Oscillator frequency divider control 0
000: OSC/1
001: OSC/2
010: OSC/3
011: OSC/4
100: OSC/8
101: OSC/12
110: OSC/24
111: OSC/64
reg<544:542>
Internal Oscillator frequency divider control 1
000: OSC/1
001: OSC/2
010: OSC/3
011: OSC/4
100: OSC/8
101: OSC/12
110: OSC/24
111: OSC/64
reg<545>
External Clock Source Select
0: Internal Oscillator
1: External Clock from Pin12
reg<546>
Manufacturing test mode
reg<547>
Reserved
Counter/Delay 0
reg<548>
Counter/delay0 mode selection
0: Delay Mode
1: Counter Mode
reg<551:549>
Counter/delay0 Clock Source select (external clock is
only for counter mode)
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter3 Overflow
reg<565:552>
Counter0 Control Data/Delay0 Time Control
1-16384: (delay time = (counter control data +2)
/freq)
reg<567:566>
Delay0 Mode Select or asynchronous counter reset
00: on both falling and rising edges
01: on falling edge only
10: on rising edge only
11: no delay on either falling or rising edges
Counter/Delay 1
reg<568>
Counter/delay1 mode selection
0: Delay Mode
1: Counter Mode
reg<571:569>
Counter/delay1 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter0 Overflow
reg<579:572>
Counter1 Control Data/Delay1 Time Control
1-256: (delay time = (counter control data +2) /freq)
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com