Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 63Page - Dialog Semiconductor SLG46121 Datasheet HTML 64Page - Dialog Semiconductor SLG46121 Datasheet HTML 65Page - Dialog Semiconductor SLG46121 Datasheet HTML 66Page - Dialog Semiconductor SLG46121 Datasheet HTML 67Page - Dialog Semiconductor SLG46121 Datasheet HTML 68Page - Dialog Semiconductor SLG46121 Datasheet HTML 69Page - Dialog Semiconductor SLG46121 Datasheet HTML 70Page - Dialog Semiconductor SLG46121 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
000-0046121--106
Page 66 of 97
SLG46121
Figure 33. Input Threshold Voltage Vih, Vil vs. Hysteresis at VDD = 5.5 V, Vref = 1000 mV. Gain = 1
Figure 34. Input Threshold Voltage Vih, Vil vs. Gain at Hysteresis = 0, VDD = 5.5 V, Vref = 1000 mV
Table 52. Built-in Hysteresis Tolerance.
Vhys (mV)
VDD=(1.7-1.8) V
VDD=(1.89-5.5) V
Vref =
(50-500) mV
Vref =
(550-1000) mV
Vref =
(1050-1200) mV
Vref =
(50-500) mV
Vref =
(550-1000) mV
Vref =
(1050-1200) mV
min
max
min
max
min
max
min
max
min
max
min
max
25
18.9
26.4
17.3
26.1
13.0
24.6
18.8
26.5
17.8
26.1
15.6
25.5
50
40.3
50.4
37.9
50.1
28.9
47.7
40.3
50.5
39.5
50.1
34.5
49.5
200
180.5
208.4
172.9
210.7
153.5
217.2
180.6
207.7
180.2
210.8
166.5
211.9
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
25
50
200
HYSTERESIS (mV)
Vih @ +85ºC
Vih @ -35ºC
Vil @ +85ºC
Vil @ -35ºC
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
1
0.5
0.33
0.25
GAIN
Vih @ +85ºC
Vih @ -35ºC
Vil @ +85ºC
Vil @ -35ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com