Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 5Page - Dialog Semiconductor SLG46121 Datasheet HTML 6Page - Dialog Semiconductor SLG46121 Datasheet HTML 7Page - Dialog Semiconductor SLG46121 Datasheet HTML 8Page - Dialog Semiconductor SLG46121 Datasheet HTML 9Page - Dialog Semiconductor SLG46121 Datasheet HTML 10Page - Dialog Semiconductor SLG46121 Datasheet HTML 11Page - Dialog Semiconductor SLG46121 Datasheet HTML 12Page - Dialog Semiconductor SLG46121 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
000-0046121--106
Page 8 of 97
SLG46121
5.4 Electrical Characteristics (5V ±10% VDD)
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
92
mA
TJ = 110°C
--
--
44
mA
TSU
Startup Time
from VDD rising past 1.35 V
--
0.31
--
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the
Chip
1.180
1.353
1.516
V
POFFTHR Power Off Threshold
VDD Level Required to Switch Off the
Chip
0.730
0.914
1.103
V
RPUP
Pull Up Resistance
1 M Pull Up
976.93
1060.60
1140.64
k
100 k Pull Up
98.50
106.38
113.21
k
10 k Pull Up
10.22
11.66
12.95
k
RPDWN
Pull Down Resistance
1 M Pull Down
974.63
1060.65
1132.96
k
100 k Pull Down
99.69
106.50
113.26
k
10 k Pull Down
9.94
11.46
12.85
k
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. Pins 2, 3, 4, 5 and 6 are connected to one side, pins 8, 9, 10 and
12 to another.
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.5
5.0
5.5
V
IQ
Quiescent Current
Static Inputs and Outputs
(when ACMP, Vref and RC OSC are
powered down and non-operational)
--
1.0
--
A
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VACMP
ACMP Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
PIN 2, 3, 4, 5, 6
Logic Input
2.640
--
VDD
V
Logic Input with Schmitt Trigger
3.160
--
VDD
V
Low-Level Logic Input
1.230
--
VDD
V
VIL
LOW-Level Input Voltage
PIN 2, 3, 4, 5, 6
Logic Input
--
--
1.840
V
Logic Input with Schmitt Trigger
--
--
1.510
V
Low-Level Logic Input
--
--
0.780
V
VHYS
Schmitt Trigger Hysteresis
Voltage
Logic Input with Schmitt Trigger
0.694
0.923
1.182
V
ILGK
Input leakage PIN 2, 3, 4, 5, 6
(Absolute Value)
--
1
1000
nA
VOH
HIGH-Level Output Voltage
PIN 2, 3, 4, 5, 6
Push-Pull 1X,Open Drain PMOS 1X,
IOH = 5 mA
4.170
4.740
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 5 mA
4.320
4.860
--
V
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com