| Electronic Components Datasheet Search |
|
SLG46121 Datasheet(PDF) 36 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121 Datasheet(HTML) 36 Page - Dialog Semiconductor |
|
36 / 98 page ![]() 000-0046121--106 Page 35 of 97 SLG46121 9.0 Combinatorial Logic Combinatorial logic is supported via five Lookup Tables (LUTs) within the SLG46121. There is one 2-bit LUT and four 3-bit LUTs. The device also includes 11 Combination Function Macrocells that can be used as LUTs. For more details, please see Section 10.0 Combination Function Macrocells. Inputs/Outputs for the four LUTs are configured from the connection matrix with specific logic functions being defined by the state of NVM bits. The outputs of the LUTs can be configured to any user defined function, including the following standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR). 9.1 2-Bit LUT The one 2-bit LUT takes in two input signals from the connection matrix and produce a single output, which goes back into the connection matrix. .. Each 2-bit LUT uses a 4-bit register signal to define their output functions; 2-Bit LUT4 is defined by reg <415:412> The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created within each of the two 2-bit LUT logic cells. Figure 9. 2-bit LUT Table 18. 2-bit LUT Standard Digital Functions. Function MSB LSB AND-2 1 000 NAND-2 0 1 1 1 OR-2 1 110 NOR-2 0 0 0 1 XOR-2 0 110 XNOR-2 1 001 2-bit LUT4 OUT IN1 IN0 reg <415:412> From Connection Matrix Output <13> From Connection Matrix Output <14> To Connection Matrix Input <10> Table 17. 2-bit LUT4 Truth Table. IN1 IN0 OUT 0 0 reg <412>reg 0 1 reg <413>reg 1 0 reg <414>reg 1 1 reg <415>reg |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |