Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 18Page - Dialog Semiconductor SLG46121 Datasheet HTML 19Page - Dialog Semiconductor SLG46121 Datasheet HTML 20Page - Dialog Semiconductor SLG46121 Datasheet HTML 21Page - Dialog Semiconductor SLG46121 Datasheet HTML 22Page - Dialog Semiconductor SLG46121 Datasheet HTML 23Page - Dialog Semiconductor SLG46121 Datasheet HTML 24Page - Dialog Semiconductor SLG46121 Datasheet HTML 25Page - Dialog Semiconductor SLG46121 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
000-0046121--106
Page 21 of 97
SLG46121
7.4.3 PIN 4 Register Settings
7.4.4 PIN 5 Register Settings
Table 8. PIN 4 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 4 Mode Control
reg <636:634>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Analog Input
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain NMOS
PIN 4 Pull Up/Down
Resistor Value
Selection
reg <638:637>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 4 Pull Up/Down
Resistor Selection
reg <639>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 4 Driver
Strength Selection
reg <640>
0: 1X
1: 2X
Table 9. PIN 5 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 5 Mode Control
reg <643:641>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Analog Input
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved & Open Drain NMOS
PIN 5 Pull Up/Down
Resistor Value
Selection
reg <645:644>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 5 Pull Up/Down
Resistor Selection
reg <646>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 5 Driver
Strength Selection
reg <647>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com