Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 8Page - Dialog Semiconductor SLG46121 Datasheet HTML 9Page - Dialog Semiconductor SLG46121 Datasheet HTML 10Page - Dialog Semiconductor SLG46121 Datasheet HTML 11Page - Dialog Semiconductor SLG46121 Datasheet HTML 12Page - Dialog Semiconductor SLG46121 Datasheet HTML 13Page - Dialog Semiconductor SLG46121 Datasheet HTML 14Page - Dialog Semiconductor SLG46121 Datasheet HTML 15Page - Dialog Semiconductor SLG46121 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
000-0046121--106
Page 11 of 97
SLG46121
5.6 Electrical Characteristics (3.3V ±10% VDD2)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD2
Supply Voltage
VDD2 ≤ VDD
1.71
--
VDD2
V
ILGK
Input leakage PIN 8, 9, 10, 12
(Absolute Value)
--
1
1000
nA
VIH2
HIGH-Level Input Voltage
PIN 8, 9, 10, 12
Logic Input, VDD2 = 1.8 V
1.100
--
VDD2
V
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
1.270
--
VDD2
V
Low-Level Logic Input, VDD2 = 1.8 V
0.980
--
VDD2
V
VIL2
LOW-Level Input Voltage
PIN 8, 9, 10, 12
Logic Input, VDD2 = 1.8 V
--
--
0.690
V
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
--
--
0.440
V
Low-Level Logic Input, VDD2 = 1.8 V
--
--
0.520
V
VOH2
HIGH-Level Output Voltage
PIN 8, 9, 10, 12
Push-Pull 1X, Open Drain PMOS 1X,
IOH = 100 A, VDD2 = 1.8 V
1.680
1.790
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 100 A, VDD2 = 1.8 V
1.700
1.800
--
V
VOL2
LOW-Level Output Voltage
PIN 8, 9, 10, 12
Push-Pull 1X,
IOL= 100 A, VDD2 = 1.8 V
--
0.020
0.030
V
Push-Pull 2X,
IOL= 100 A, VDD2 = 1.8 V
--
0.010
0.020
V
Open Drain NMOS 1X,
IOL= 100 A, VDD2 = 1.8 V
--
0.010
0.020
V
Open Drain NMOS 2X,
IOL= 100 A, VDD2 = 1.8 V
--
0.010
0.010
V
IOH2
HIGH-Level Output Current
(see Note 1)
PIN 8, 9, 10, 12
Push-Pull 1X, Open Drain PMOS 1X,
VOH = VDD - 0.2, VDD2 = 1.8 V
1.000
1.390
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = VDD - 0.2, VDD2 = 1.8 V
2.100
2.680
--
mA
IOL2
LOW-Level Output Current
(see Note 1)
PIN 8, 9, 10, 12
Push-Pull 1X,
VOL = 0.15 V, VDD2 = 1.8 V
0.760
1.340
--
mA
Push-Pull 2X,
VOL = 0.15 V, VDD2 = 1.8 V
1.520
2.660
--
mA
Open Drain NMOS 1X,
VOL = 0.15 V, VDD2 = 1.8 V
1.530
2.670
--
mA
Open Drain NMOS 2X,
VOL = 0.15 V, VDD2 = 1.8 V
3.060
5.136
--
mA
IVDD2
Maximum Average or DC
Current Through VDD2 Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
73
mA
TJ = 110°C
--
--
35
mA
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
92
mA
TJ = 110°C
--
--
44
mA
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. Pins 2, 3, 4, 5 and 6 are connected to one side, pins 8, 9, 10 and
12 to another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com