Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 83 Page - Dialog Semiconductor

Part # SLG46121
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121 Datasheet(HTML) 83 Page - Dialog Semiconductor

Back Button SLG46121 Datasheet HTML 79Page - Dialog Semiconductor SLG46121 Datasheet HTML 80Page - Dialog Semiconductor SLG46121 Datasheet HTML 81Page - Dialog Semiconductor SLG46121 Datasheet HTML 82Page - Dialog Semiconductor SLG46121 Datasheet HTML 83Page - Dialog Semiconductor SLG46121 Datasheet HTML 84Page - Dialog Semiconductor SLG46121 Datasheet HTML 85Page - Dialog Semiconductor SLG46121 Datasheet HTML 86Page - Dialog Semiconductor SLG46121 Datasheet HTML 87Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
000-0046121--106
Page 82 of 97
SLG46121
reg<402>
DFF1 initial polarity select
0: Low
1: High
LUT2_2 or DFF2
reg<407:404>
LUT2_2 data or the following
reg<404>
DFF2 or Latch select
0: DFF function
1: Latch function
reg<405>
DFF2 output select
0: Q output
1: nQ output
reg<406>
DFF2 initial polarity select
0: Low
1: High
LUT2_3 or DFF3
reg<411:408>
LUT2_3 data or the following
reg<408>
DFF3 or Latch select
0: DFF function
1: Latch function
reg<409>
DFF3 output select
0: Q output
1: nQ output
reg<410>
DFF3 initial polarity select
0: Low
1: High
LUT2_4
reg<415:412>
LUT2_4 data
reg<419:416>
Reserved
LUT2/DFF Select
reg<420>
LUT2_0 or DFF0 select
0: LUT2_0
1: DFF0
reg<421>
LUT2_1 or DFF1 select
0: LUT2_1
1: DFF1
reg<422>
LUT2_2 or DFF2 select
0: LUT2_2
1: DFF2
reg<423>
LUT2_3 or DFF3 select
0: LUT2_3
1: DFF3
LUT3_0 or DFF4
reg<431:424>
LUT3_0 data or the following
reg<424>
DFF4 or Latch select
0: DFF function
1: Latch function
reg<425>
DFF4 output select
0: Q output
1: nQ output
reg<426>
DFF4 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
reg<427>
DFF4 initial polarity select
0: Low
1: High
LUT3_1 or DFF5
reg<439:432>
LUT3_1 data or the following
reg<432>
DFF5 or Latch select
0: DFF function
1: Latch function
reg<433>
DFF5 output select
0: Q output
1: nQ output
reg<434>
DFF5 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com