Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9782 Datasheet HTML 32Page - Analog Devices AD9782 Datasheet HTML 33Page - Analog Devices AD9782 Datasheet HTML 34Page - Analog Devices AD9782 Datasheet HTML 35Page - Analog Devices AD9782 Datasheet HTML 36Page - Analog Devices AD9782 Datasheet HTML 37Page - Analog Devices AD9782 Datasheet HTML 38Page - Analog Devices AD9782 Datasheet HTML 39Page - Analog Devices AD9782 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 36 of 52
Figure 60 shows this effect at the DAC output for a mirror
asymmetic signal about dc produced by complex modulation
without a Hilbert transform. The signal bandwidth was nar-
rowed to show the aliased negative frequency interpolation
images.
In contrast, Figure 61 shows the same waveform with the
Hilbert transform applied. Clearly, the aliased interpolation
images are not present.
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–150
0
–50
–100
Figure 61. Effects of Hilbert Transform
If the output of the AD9782 is to be used with a quadrature
modulator, negative frequency images are cancelled without the
need of a Hilbert transform.
HILBERT TRANSFORM IMPLEMENTATION
The Hilbert transform on the AD9782 is implemented as a 19-
coefficient FIR. The coefficients are given in Table 35
Table 35.
Coefficient
Integer Value
H(1)
–6
H(2)
0
H(3)
–17
H(4)
0
H(5)
–40
H(6)
0
H(7)
–91
H(8)
0
H(9)
–318
H(10)
0
H(11)
318
H(12)
0
H(13)
91
H(14)
0
H(15)
40
H(16)
0
H(17)
17
H(18)
0
H(19)
6
The transfer function of an ideal Hilbert transform has a +90°
phase shift for negative frequencies, and a –90° phase shift for
positive frequencies. Because of the discontinuities that occur at
0 Hz and at 0.5 × Sample Rate, any real implementation of the
Hilbert Transform trades off bandwidth versus ripple.
Figure 62 and Figure 63 show the gain of the Hilbert transform
versus frequency. Gain is essentially flat, with a pass-band ripple
of 0.1dB over the frequency range 0.07 × Sample Rate to
0.43 × Sample Rate.
Figure 64 shows the phase response of the Hilbert transform
implemented in the AD9782. The phase response for positive
frequencies begins at –90° at 0 Hz, followed by a linear phase
response (pure time delay) equal to nine filter taps (nine clock
cycles). For negative frequencies, the phase response at 0 Hz is
+90°, again followed by a linear phase delay of nine filter taps.
To compensate for the unwanted 9-cycle delay, an equal delay of
nine taps is used in the AD9782 digital signal path opposite to
the Hilbert transform. This delay block is noted as t on the data
sheet.
1000
100
200
300
400
500
600
700
800
900
–100
10
–20
–60
0
–40
–30
–70
–80
–90
–10
–50
Figure 62. Hilbert Transform Gain
1000
100
200
300
400
500
600
700
800
900
–1.0
1.0
0.4
–0.4
0.8
0
0.2
–0.6
–0.8
0.6
–0.2
Figure 63. Hilbert Transform Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com