Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 1 Page - Analog Devices

  AD9782 Datasheet HTML 1Page - Analog Devices AD9782 Datasheet HTML 2Page - Analog Devices AD9782 Datasheet HTML 3Page - Analog Devices AD9782 Datasheet HTML 4Page - Analog Devices AD9782 Datasheet HTML 5Page - Analog Devices AD9782 Datasheet HTML 6Page - Analog Devices AD9782 Datasheet HTML 7Page - Analog Devices AD9782 Datasheet HTML 8Page - Analog Devices AD9782 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
12-Bit, 200 MSPS/500 MSPS TxDAC+® with
2×/4×/8× Interpolation and Signal Processing
Preliminary Technical Data
AD9782
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit resolution, 200 MSPS input data rate
Selectable 2×/4×/8× interpolation filters
Selectable fDAC/2, fDAC/4, fDAC/8 modulation modes
Single or dual-channel signal processing
Selectable image rejection Hilbert transform
Flexible calibration engine
Direct IF transmission features
Serial control interface
Versatile clock and data interface
SFDR 90 dBc @10 MHz
WCDMA ACLR = 80 dBc @ 40 MHz IF
DNL = ±0.75 LSB
INL = ±1.5 LSB
3.3 V compatible digital Interface
On-chip 1.2 V reference
80-lead thermally enhanced TQFP package
APPLICATIONS
Digital quadrature modulation architectures
Multicarrier WCDMA, GSM, TDMA, DCS,
PCS, CDMA Systems
PRODUCT DESCRIPTION
The AD9782 is a 12-bit, high speed, CMOS DAC with 2×/4×/8×
interpolation and signal processing features tuned for
communications applications. It offers state of the art distortion
and noise performance. The AD9782 was developed to meet the
demanding performance requirements of multicarrier and third
generation base stations. The selectable interpolation filters
simplify interfacing to a variety of input data rates while also
taking advantage of oversampling performance gains. The
modulation modes allow convenient bandwidth placement and
selectable sideband suppression.
The flexible clock interface accepts a variety of input types such
as 1 V p-p sine wave, CMOS, and LVPECL in single ended or
differential mode. Internal dividers generate the required data
rate interface clocks.
The AD9782 provides a differential current output, supporting
single-ended or differential applications; it provides a nominal
full-scale current from 10 mA to 20 mA. The AD9782 is
manufactured on an advanced low cost 0.25 µm CMOS process.
FUNCTIONAL BLOCK DIAGRAM
16-BIT DAC
ZERO
STUFF
HILBERT
∆t
0
90
0
90
0
90
2×
2×
2×
LATCH
2×
2×
2×
LATCH
Q
I
fDAC/2
fDAC/4
fDAC/8
×1
×2
×4
×8
CLOCK DISTRIBUTION AND CONTROL
CLK+
CLK–
LPF
DATACLK/
PLL_LOCK
P2B[15:0]
P1B[15:0]
FSADJ
REFIO
IOUTA
IOUTB
SDIO
SDO
CSB
SCLK
RESET
Figure 1.


Similar Part No. - AD9782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
More results

Similar Description - AD9782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV.0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9774 AD-AD9774 Datasheet
313Kb / 24P
14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV.B
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
AD9786BSVZ AD-AD9786BSVZ Datasheet
1Mb / 56P
16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9782 AD-AD9782_15 Datasheet
1Mb / 52P
12-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786_15 Datasheet
1Mb / 56P
16-Bit, 200 MSPS/500 MSPS TxDAC
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com