Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9782 Datasheet HTML 5Page - Analog Devices AD9782 Datasheet HTML 6Page - Analog Devices AD9782 Datasheet HTML 7Page - Analog Devices AD9782 Datasheet HTML 8Page - Analog Devices AD9782 Datasheet HTML 9Page - Analog Devices AD9782 Datasheet HTML 10Page - Analog Devices AD9782 Datasheet HTML 11Page - Analog Devices AD9782 Datasheet HTML 12Page - Analog Devices AD9782 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 9 of 52
SERIAL INTERFACE
Table 7. Serial Interface Pin Function Descriptions
Pin No.
Mnemonic
Direction
Description
CSB
SDIODIR
00h[7]
Mode
1
X
High Impedance.
0
0
Serial Data Output.
54
SDO
O
0
1
High Impedance.
CSB
SDIODIR
00h[7]
Mode
1
X
High Impedance.
0
0
Serial Data Output.
55
SDIO
I/O
0
1
Serial Data Input/Output Depending on Bit 7 of the Serial Instruction Byte.
56
SCLK
I
Serial interface clock.
57
CSB
I
Serial interface chip select.
58
RESET
I
Resets entire chip to default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com