Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9782 Datasheet HTML 20Page - Analog Devices AD9782 Datasheet HTML 21Page - Analog Devices AD9782 Datasheet HTML 22Page - Analog Devices AD9782 Datasheet HTML 23Page - Analog Devices AD9782 Datasheet HTML 24Page - Analog Devices AD9782 Datasheet HTML 25Page - Analog Devices AD9782 Datasheet HTML 26Page - Analog Devices AD9782 Datasheet HTML 27Page - Analog Devices AD9782 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 24 of 52
AD9782 CLOCK/DATA TIMING
DLL Disabled, Two-Port Data Mode, DATACLK as Output
With the interpolation set to 1×, the DATACLK output is a
delayed and inverted version of DACCLK at the same
frequency. Note that DACCLK refers to the differential clock
inputs applied at Pins 5 and 6. As Figure 37 shows, there is a
constant delay between the rising edge of DACCLK and the
falling edge of DATACLK.
The DCLKPOL bit (Reg 02 Bit 4) allows the data to be latched
into the AD9782 on either the rising or falling edge of
DACCLK. With DCLKPOL = 1, the data is latched in on the
rising edge of Diff Clk, as shown in Figure 37. With DCLKPOL
= 0, as shown in Figure 38, data is latched in on the falling edge
of DACCLK. The setup and hold times are always with respect
to the latched edge of DACCLK.
DACCLKIN
DATACLKOUT
DATA
t12
tD = 5ns TYP
tH = 2.9ns TYP
tS = –0.5ns TYP
Figure 37. Data Timing, DLL Off, 1× Interpolation, DCLKPOL = 1
DACCLKIN
DATACLKOUT
DATA
tD = 6ns TYP
tH = 2.9ns TYP
tS = –0.5ns TYP
Figure 38. Data Timing, DLL Off, 1× Interpolation, DCLKPOL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com