Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9782 Datasheet HTML 34Page - Analog Devices AD9782 Datasheet HTML 35Page - Analog Devices AD9782 Datasheet HTML 36Page - Analog Devices AD9782 Datasheet HTML 37Page - Analog Devices AD9782 Datasheet HTML 38Page - Analog Devices AD9782 Datasheet HTML 39Page - Analog Devices AD9782 Datasheet HTML 40Page - Analog Devices AD9782 Datasheet HTML 41Page - Analog Devices AD9782 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 38 of 52
BASEBAND
IF
SIDEBAND = 0
SIDEBAND = 1
Figure 68. IF Quadrature Modulation of Real and Complex Baseband Signals
Table 37. Data Port Synchronization
PLOCKEXT
DCLKEXT
MODSYNC
DCLKCRC
Mode
Function
1
X
X
X
PLL output
PLL locked flag output, synchronizer disabled
0
0
0
X
Dataclk Master
Channel data rate clock output
0
0
1
X
Modulator Master
Modulator synchronization clock output
0
1
0
0
Dataclk Slave
Input channel data rate clock, DLL off
0
1
0
1
Dataclk Slave
Input channel data rate clock, DLL on
0
1
1
0
Modulator Slave
Input modulator synchronizer clock, DLL off
0
1
1
1
Modulator Slave
Input modulator synchronizer clock, DLL on
In applications where two or more AD9782s are used to synthe-
size several digital data paths, it may be necessary to ensure that
the digital inputs to each device are latched synchronously. In
complex data processing applications, digital modulator phase
alignment may be required between two AD9782s. In order to
allow data synchronization and phase alignment, only one
AD9782 should be configured as a master device, providing a
reference clock for another slave-configured AD9782.
With synchronization enabled, a reference clock signal is
generated on the DATACLK/PLL_LOCK pin of the master. The
DATACLK/PLL_LOCK pins on the slave devices act as inputs
for the reference clock generated by the master. The DATACLK/
PLL_LOCK pin on the master and all slaves must be directly
connected. All master and slave devices must have the same
clock source connected to their respective CLK+/CLK– pins.
When configured as a master, the reference clock generated may
take one of two forms. In modulator master mode, the reference
clock will be a square wave with a period equal to 16 cycles of
the DAC update clock. Internal to the AD9782 is a 16-state
finite state machine, running at the DAC update rate. This state
machine generates all internal and external synchronization
clocks and modulator phasings. The rising edge of the master
reference clock is time aligned to the internal state machine’s
state zero. Slave devices use the master’s reference clock to
synchronize their data latching and align their modulator’s
phase by aligning their local state machine state zero to the
master.
The second master mode, DATACLK master mode, generates a
reference clock that is at the channel data rate. In this mode, the
slave devices align their internal channel data rate clock to the
master. If modulator phase alignment is needed, a concurrent
serial write to all slave devices is necessary. To achieve this, the
CSB pin on all slaves must be connected together and a group
serial write to the MODADJ register bits must be performed;
the modulator coefficient alignment is updated on the next
rising edge of the internal state machine following a successful
serial write, Figure 69. Modulator master mode does not need a
concurrent serial write as slaves lock to the master phase
automatically.
In a slave device, the local channel data rate clock and the digital
modulator clock are created from the internal state machine.
The local channel data rate clock is used by the slave to latch
digital input data. At high data rates, the delay inherent in the
signal path from master to slave may cause the slave to lag the
master when acquiring synchronization. To account for this, an
integer number of the DAC update clock cycles may be
programmed into the slave device as an offset. The value in
DATADJ allows the local channel data rate clock in the slave
device to advance by up to eight cycles of the DAC clock or
delayed by up to seven cycles, Figure 70.
The digital modulator coefficients are updated at the DAC clock
rate and decoded in sequential order from the state machine
according to Figure 71. The MODADJ bits can be used to align
a different coefficient to the finite state machine’s zero state as
shown in Figure 72.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com