Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9782 Datasheet HTML 33Page - Analog Devices AD9782 Datasheet HTML 34Page - Analog Devices AD9782 Datasheet HTML 35Page - Analog Devices AD9782 Datasheet HTML 36Page - Analog Devices AD9782 Datasheet HTML 37Page - Analog Devices AD9782 Datasheet HTML 38Page - Analog Devices AD9782 Datasheet HTML 39Page - Analog Devices AD9782 Datasheet HTML 40Page - Analog Devices AD9782 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 37 of 52
1200
100
200
400
600
800
1000
–4
4
3
–1
1
2
–2
–3
0
Figure 64. Phase Response of Hilbert Transform
Table 36. Dual Channel Complex Modulation Sideband
Selection
Sideband
Mode
0
Lower IF sideband rejected
1
Upper IF sideband rejected
0
90
AD9782
AD9782
LO
I
Q
Im()
Re()
Figure 65. AD9782 Driving Quadrature Modulator
The AD9782 can be configured to drive a quadrature modula-
tor, representatively as in Figure 65. Where two AD9782s are
used with one AD9782 producing the real output, the second
AD9782 produces the imaginary output. By configuring the
AD9782 as a complex modulator coupled to a quadrature
modulator, IF image rejection is possible. The quadrature
modulator acts as the real part of a complex modulation pro-
ducing a double sideband spectrum at the local oscillator (LO)
frequency, with mirror symmetry about dc.
A baseband double sideband signal modulated to IF increases
IF filter complexity and reduces power efficiency. If the base-
band signal is complex, a single sideband IF modulation can be
used, relaxing IF filter complexity and increasing power
efficiency.
The AD9782 has the ability to place the baseband single side-
band complex signal either above the IF frequency or below it.
Figure 66 illustrates the baseband selection.
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–150
0
–50
–100
Figure 66. Upper IF Sideband Rejected
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–150
0
–50
–100
Figure 67. Lower IF Sideband Rejected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com