Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9782 Datasheet HTML 11Page - Analog Devices AD9782 Datasheet HTML 12Page - Analog Devices AD9782 Datasheet HTML 13Page - Analog Devices AD9782 Datasheet HTML 14Page - Analog Devices AD9782 Datasheet HTML 15Page - Analog Devices AD9782 Datasheet HTML 16Page - Analog Devices AD9782 Datasheet HTML 17Page - Analog Devices AD9782 Datasheet HTML 18Page - Analog Devices AD9782 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 15 of 52
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 21. Single Tone Spurious Performance, fOUT = 10 MHz,
FDATA = 150 MSPS, No Interpolation
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 22. Two Tone IMD Performance, FDATA = 150 MSPS, No Interpolation
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 23. Single Tone Spurious Performance, FOUT = 10 MHz,
FDATA = 150 MSPS, Interpolation = 2×
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 24. Two Tone IMD Performance, FDATA = 90 MSPS, Interpolation = 4×
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 25. Single Tone Spurious Performance, FOUT = 10 MHz,
FDATA = 80 MSPS, Interpolation = 4×
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 26. Two Tone IMD Performance, FOUT = 10 MHz, FDATA = 50 MSPS,
Interpolation = 8×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com