Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9782 Datasheet HTML 21Page - Analog Devices AD9782 Datasheet HTML 22Page - Analog Devices AD9782 Datasheet HTML 23Page - Analog Devices AD9782 Datasheet HTML 24Page - Analog Devices AD9782 Datasheet HTML 25Page - Analog Devices AD9782 Datasheet HTML 26Page - Analog Devices AD9782 Datasheet HTML 27Page - Analog Devices AD9782 Datasheet HTML 28Page - Analog Devices AD9782 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 25 of 52
With the interpolation set to 2×, the DACCLK input runs at
twice the speed of the DATACLK. Data is latched into the
AD9782’s inputs on every other rising edge of DACCLK, as
shown in Figure 40 and Figure 41. With DCLKPOL = 1, as
shown in Figure 40, the latching edge of DACCLK is the rising
edge that occurs just before the falling edge of DATACLK. With
DCLKPOL = 0, as in Figure 41, the latching edge of DACCLK is
the rising edge of DACCLK that occurs just before the rising
edge of DATACLK. The setup and hold time values are identical
to those in Figure 37 and Figure 38.
Note that there is a slight difference in the delay from the rising
edge of DACCLK to the falling edge of DATACLK, and the
delay from the rising edge of DACCLK to the rising edge of
DATACLK. As Figure 39 shows, the DATACLK duty cycle is
slightly less than 50%. This is true in all modes.
With the interpolation set to 4× or 8×, the DACCLK input runs
at 4× or 8× the speed of the DATACLK output. The data is
latched in on a rising edge of DACCLK, similar to the 2×
interpolation mode. However, the latching edge is every fourth
edge in 4× interpolation mode and every eighth edge in the 8×
interpolation mode. Again, similar to operation in the 2×
interpolation mode, with DCLKPOL = 1, the latching edge of
DACCLK is the rising edge that occurs just before the falling
edge of DATACLK. With DCLKPOL = 0, the latching edge of
DACCLK is the rising edge that occurs just before the rising
edge of DATACLK. The setup and hold time values are identical
to those in 1× and 2× interpolation
Figure 39.
DACCLKIN
DATACLKOUT
DATA
tD = 5ns TYP
tH = 2.9ns TYP
tS = –0.5ns TYP
Figure 40. Data Timing, DLL Off, 2× Interpolation, DCLKPOL = 1
DACCLKIN
DATACLKOUT
DATA
tD = 6ns TYP
tH = 2.9ns TYP
tS = –0.5ns TYP
Figure 41. Data Timing, DLL Off, 2× Interpolation, DCLKPOL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com