Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9782 Datasheet HTML 3Page - Analog Devices AD9782 Datasheet HTML 4Page - Analog Devices AD9782 Datasheet HTML 5Page - Analog Devices AD9782 Datasheet HTML 6Page - Analog Devices AD9782 Datasheet HTML 7Page - Analog Devices AD9782 Datasheet HTML 8Page - Analog Devices AD9782 Datasheet HTML 9Page - Analog Devices AD9782 Datasheet HTML 10Page - Analog Devices AD9782 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 7 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
16
1
2
3
4
5
6
7
8
9
10
11
13
14
15
12
17
18
20
19
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
NC = NO CONNECT
CLKVDD
LPF
CLKVDD
CLKGND
CLK+
CLK–
CLKGND
DGND
DVDD
P1B15
P1B14
P1B13
P1B12
P1B11
P1B10
DGND
DVDD
P1B9
P1B8
P1B7
FSADJ
REFIO
RESET
CSB
SCLK
SDIO
SDO
DGND
DVDD
P2B0
P2B1
P2B2
P2B3
P2B4
P2B5
DGND
AD9782
TOP VIEW
(Not to Scale)
DVDD
P2B6
P2B7
P2B8
Figure 2. Pin Configuration
CLOCK
Table 4. Clock Pin Function Descriptions
Pin
No.
Mnemonic
Direction
Description
5, 6
CLK+, CLK–
I
Differential Clock Input.
2
LPF
I/O
PLL Loop Filter.
PLOCKEXT
04h[0]
DCLKEXT
02h[3]
Mode
0
0
Pin configured for input of channel data rate or synchronizer clock.
Internal clock synchronizer may be turned on or off with DCLKCRC
(02h[2]).
0
1
Pin configured for output of channel data rate or synchronizer clock
31
DATACLK/PLL_LOCK
I/O
1
X
Internal Clock PLL Status Output:
0: Internal clock PLL is not locked.
1: Internal clock PLL is locked.
1, 3
CLKVDD
Clock Domain 2.5 V.
4, 7
CLKGND
Clock Domain 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com