Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9782 Datasheet HTML 44Page - Analog Devices AD9782 Datasheet HTML 45Page - Analog Devices AD9782 Datasheet HTML 46Page - Analog Devices AD9782 Datasheet HTML 47Page - Analog Devices AD9782 Datasheet HTML 48Page - Analog Devices AD9782 Datasheet HTML 49Page - Analog Devices AD9782 Datasheet HTML 50Page - Analog Devices AD9782 Datasheet HTML 51Page - Analog Devices AD9782 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
AD9782
Preliminary Technical Data
Rev. PrC | Page 52 of 52
OUTLINE DIMENSIONS

0.15
0.05
0.27
0.22
0.17
0.20
0.09
0.50 BSC
GAGE PLANE
0.25
7°
3.5°
0°
1.05
1.00
0.95
1
20
21
41
40
60
80
61
PIN 1
TOP VIEW
(PINS DOWN)
14.00 SQ
12.00 SQ
SEATING
PLANE
1.20
MAX
0.75
0.60
0.45
1
20
21
41
40
60
80
61
6.00
SQ
BOTTOM
VIEW
COPLANARITY
0.08
COMPLIANT TO JEDEC STANDARDS MS-026-ADD-HD
Figure 88. 80-Lead Thermally Enhanced TQFP
(SV-80)
Dimensions shown in millimeters)
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR03150–0–3/04(PrC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com