Electronic Components Datasheet Search
  English  ▼

X  

AD9782 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9782 Datasheet HTML 37Page - Analog Devices AD9782 Datasheet HTML 38Page - Analog Devices AD9782 Datasheet HTML 39Page - Analog Devices AD9782 Datasheet HTML 40Page - Analog Devices AD9782 Datasheet HTML 41Page - Analog Devices AD9782 Datasheet HTML 42Page - Analog Devices AD9782 Datasheet HTML 43Page - Analog Devices AD9782 Datasheet HTML 44Page - Analog Devices AD9782 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 41 of 52
DATA INPUTS
Digital data inputs to the AD9782 are accessed on the
evaluation board through connectors J1 and J2. These are 40 pin
right angle connectors that are intended to be used with
standard ribbon cable connectors. The input levels should be
either 3.3 V or 2.5 V CMOS, depending on the setting of the
DRVDD jumper JP1. The data format is selectable through
Register 02h, Bit 7 (DATAFMT). With this bit set to a default 0,
the AD9782 assumes that the input data is in twos complement
format. With this bit set to 1, data should be input in offset
binary format.
When the evaluation board is first powered up and the clock
and data are running, it is recommended that the proper
operating current is verified. Depress reset switch SW1 to
ensure that the AD9782 is in the default mode. The default
mode for the AD9782 is for the internal PLL to be disabled, and
the interpolation set to 1×. The modulator is turned off in the
default mode. The nominal operating currents for the
evaluation board in the power-up default mode are shown in
Table 39.
Additionally, the DRVDD power supply on the AD9782 is used
to supply power for the digital input bus. DRVDD can be run
from 2.5 V or 3.3 V. On the evaluation board, DRVDD is jumper
selectable by JP1, just to the left of the chip on the evaluation
board. With the jumper set to the 3.3 V position, DRVDD chip
receives its power from VDD3IN. With the jumper set to the
2.5 V position, DRVDD receives its power from AVDIN.
SPI PORT
SW1 is a hard reset switch that sets the AD9782 to its default
state. It should be used every time the AD9782 power supply is
cycled or the clock is interrupted, or if new data is to be written
via the SPI port. For a description of the various SPI registers
and the effect they have on the operating modes of the AD9782,
see the Mode Control (via SPI Port) section. Set the SPI
software to read back data from the AD9782 and verify that
when the software is run, the expected values are read back.
OPERATING WITH PLL DISABLED
The SPI registers referenced in this section are shown in
Table 40.
With the PLL disabled, the evaluation board clock input must
be run at the intended DAC sample rate, up to the specified
limit of 500 MSPS. At the same time, the interpolation rate
should be set so the input data rate does not exceed the 200
MSPS limit. In the default mode with the PLL disabled, the
DATACLK signal from the AD9782 is available at connector S2.
The rate of this clock is the system clock applied at S1, divided
by the interpolation rate. DATACLK can be used to synchronize
the external data into the AD9782.
Table 39. Nominal Operating Currents in Power-Up Default Mode
Nominal Current @ Speed (mA)
Evaluation Board Power Supply
50 MSPS
100 MSPS
150 MSPS
200 MSPS
VDDIN
24
49
74
99
CVDIN
79
83
87
92
VDD2IN
1
4
6
8
VDD3IN
30
30
30
30
AVDIN
27
27
27
27
Table 40. SPI Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 0
01h
INTERP[1]
INTERP[0]
04h
PLLON
PLLMULT[1]
PLLMULT[0]
PLLDIV[1]
PLLDIV[0]
PLOCKEXT
Interpolation Rate
PLL Multiplier
PLL Divider
Bit 7
Bit 6
Rate
Bit 6
Bit 5
Mult
Bit 4
Bit 3
Div
0
0
1×
0
0
2×
0
0
÷1
0
1
2×
0
1
4×
0
1
÷2
1
0
4×
1
0
8×
1
0
÷4
1
1
8×
1
1
16×
1
1
÷8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com